Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3003 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 5 Page - Linear Technology

  LT3003 Datasheet HTML 1Page - Linear Technology LT3003 Datasheet HTML 2Page - Linear Technology LT3003 Datasheet HTML 3Page - Linear Technology LT3003 Datasheet HTML 4Page - Linear Technology LT3003 Datasheet HTML 5Page - Linear Technology LT3003 Datasheet HTML 6Page - Linear Technology LT3003 Datasheet HTML 7Page - Linear Technology LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3003
5
3003fa
BLOCK DIAGRAM
Figure 1. Block Diagram
1
2
+
+
+
4
VEE
B1 B2 B3
LED1
PWM
0.5V
VMAX
LED2
11
EXPOSED PAD
LED3
3
VIN
3V
5
VEE
SHDN
0.7V
9
OT1
7
PWM
LOGIC
THERMAL
SHUTDOWN
BIAS
BG
BG
125
°C
150
°C
OT2
3003 F01
8
6
+
10
+
B2
B1
VIN
B3
VEE (Pin 10): Lower Rail.
• Boost: Connect to System Ground
• Buck Mode: Connect to Inductor
• Buck-Boost Mode: Connect to Input Supply
Exposed Pad (Pin 11): GND. The ground for the IC should
be soldered to a continuous copper ground plane under
the LT3003 die. Soldering the Exposed Pad to the copper
ground plane under the device will reduce thermal resis-
tance and increase the power capability of the LT3003.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com