Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC96C55 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC96C55
Description  3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC96C55 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC96C55 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC96C55 Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4-160
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS: unless otherwise specified TA = +25°C with 10V ≤ VDD ≤ 18V:
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Oscillator
Voltage Stability
VDD = 7 to 18V
–
1
5
%/V
Temperature Stability
– 55
≤ Temp ≤ 125°C
–
0.4
–
%/
°C
Power Supply
Power Supply Current
IDD0 ≤ VIN ≤ 3V
–
2
3
mA
Switching Time1
tR
Rise Time
C1 = 1800pF
–
23
30
nsec
tF
Fall Time
C1 = 1800pF
–
20
30
nsec
tD1
Delay Time
C1 = 1800pF
–
140
180
nsec
tD2
Delay Time
C1 = 1800pF
–
100
140
nsec
Output
VOH
High Output Voltage
VDD – 0.025
––
V
VOL
Low Output Voltage
–
–
0.025
V
RO
Output Res Hi State
VDD = 15V
–
3.5
5
Ω
RO
Output Res Lo State
VDD = 15V
–
2.5
5
Ω
IPK
Peak Output Current
VDD = 18V
–
3
–
A
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... +20V
Input Voltage, Pin 1 or 4 ................. VDD +0.3 to GND –0.3
Maximum Chip Temperature ................................. +150
°C
Storage Temperature Range ................ – 65
°C to +150°C
Package Thermal Resistance
CerDIP RΘJ-A ................................................................ 150°C/W
CerDIP RΘJ-C ................................................................... 50°C/W
PDIP RΘJ-A .................................................................... 125°C/W
PDIP RΘJ-C ....................................................................... 42°C/W
SOIC RΘJ-A .................................................................... 155°C/W
SOIC RΘJ-C ....................................................................... 45°C/W
Operating Temperature Range
C Version ............................................... 0
°C to +70°C
E Version .......................................... – 40
°C to +85°C
M Version ....................................... – 55
°C to +125°C
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP ...................................................... 730mW
CerDIP ............................................................ 800mW
SOIC ...............................................................470mW
ELECTRICAL CHARACTERISTICS: unless otherwise specified TA = +25°C with 5V ≤ VDD ≤ 18V.
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Programmable Current Range
Pin 4 Input Current for ISOURCE Control
(VREF - VR1) / RCHG Fig. 2
5.0
—
150
µA
Pin 1 Input Current for ISINK Control
(VREF - VR2) / RDIS Fig. 2
5.0
—
150
µA
Reference Section
VREF
VDD = 15V, IREF = 10µA
3.8
4
4.2
V
Line Regulation of VREF
VDD = 7V to 18V
—
0.6
1
%/V
Load Regulation of VREF
IREF = 0 to 1mA
—
0.1
0.2
%/mA
VDRIFT
VREF Drift Over Lifetime
—
—
5
%
TCVREF
VREF Tempco
– 55
≤ Temp ≤ 125°C
—
1100
2000
ppm/
°C
VR1, VR2
Voltage at Pin 1 & 4
2.85
3.0
3.15
V
VREF - VR
Voltage Across RCHG and RDIS
0.85
1
1.15
V
Vih
Pin 2, High Switching Threshold
VDD = 15V
1.8
2
2.2
V
Vil
Pin 2, Low Switching Threshold
VDD = 15V
0.8
1
1.2
V
Vih - Vil
Delta High to Low Threshold
VDD = 15V
0.9
1.0
1.1
V
IREF
VREF Pin 3 Short to GND Pin 5
VDD = 15V
—
8
15
mA
TC96C555
3A OUTPUT PROGRAMMABLE
POWER OSCILLATOR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com