Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC962EPA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC962EPA
Description  HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC962EPA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC962EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC962EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4-40
TELCOM SEMICONDUCTOR, INC.
TYPICAL APPLICATIONS
1
2
3
TC962
4
8
7
6
5
CP2
C 1
P
CR1
10
µF
V+
+
+
+
10
µF
V
= –V
OUT
+
VD1
VD2
V
=
OUT
D
+
10
µF
Combined Negative Converter and Positive Multiplier
+
CP
10
µF
+
1
2
3
4
8
7
6
5
10
µF
CR
+
V
=
OUT
V
2
+
V+
Split V In Half
+
TC962
TC962
1
2
3
4
8
7
6
5
10
µF
10
µF
V
=
OUT
D
+
VD2
VD1
+
+
V+
Positive Voltage Multiplier
CP
CP
2V –2 V
CP1
10
µF
+
CP2
10
µF
+
TC962
TC962
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
+
V+
VOUT
10
µF
CR
Lowering Output Resistance by Paralleling Devices
2V –2V
HIGH CURRENT CHARGE PUMP
DC -TO-DC CONVERTER
TC962



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com