Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9401CPD Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC9401CPD
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9401CPD Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC9401CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 10Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 11Page - TelCom Semiconductor, Inc TC9401CPD Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3-294
TELCOM SEMICONDUCTOR, INC.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402
CREF
The exact value is not critical and may be used to trim the
full-scale frequency (see "Input/Output Relationships"). Glass
film or air trimmer capacitors are recommended because of
their stability and low leakage. Locate as close as possible
to pins 5 and 3.
VDD, VSS
Power supplies of
±5V are recommended. For high-
accuracy requirements, 0.05% line and load regulation and
0.1
µF disc decoupling capacitors located near the pins are
recommended.
Adjustment Procedure
Figure 1 shows a circuit for trimming the zero location.
Full scale may be trimmed by adjusting RIN, VREF, or CREF.
Recommended procedure for a 10kHz full-scale frequency
is as follows:
(1) Set VIN to 10 mV and trim the zero adjust circuit to
obtain a 10Hz output frequency.
(2) Set VIN to 10V and trim either RIN, VREF, or CREF to
obtain a 10kHz output frequency.
If adjustments are performed in this order, there should be
no interaction and they should not have to be repeated.
Figure 3.
Recommended CREF vs VREF
500
400
300
200
100
0
–1
–2
–3
–4
–5
–6
–7
VREF (V)
1 kHz
100kHz
VDD = +5V
VSS = – 5V
RIN = 1MΩ
VIN = +10V
TA = +25°C
Improved Single Supply V/F Converter
Operation
A TC9400 which operates from a single 12 to 15V
variable power source is shown in Figure 5. This circuit uses
two Zener diodes to set stable biasing levels for the TC9400.
The Zener diodes also provide the reference voltage, so the
output impedance and temperature coefficient of the Zeners
will directly affect power supply rejection and temperature
performance.
Full scale adjustment is accomplished by trimming the
input current. Trimming the reference voltage is not recom-
mended for high accuracy applications unless an op amp is
used as a buffer, because the TC9400 requires a low
impedance reference (see the VREF pin description section
for more information).
The circuit of Figure 5 will directly interface with CMOS
logic operating at 12V to 15V. TTL or 5V CMOS logic can be
accommodated by connecting the output pullup resistors to
the +5V supply. An optoisolator can also be used if an
isolated output is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com