Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC9402CPD Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC9402CPD
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9402CPD Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC9402CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9402CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
3-291
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 1.
10 Hz to 10 kHz V/F Converter
–
+
+5V
+5V
14
V
DD
+5V
RL
10k
Ω
RL
10k
Ω
8
10
9
fOUT
fOUT/2
11
3
µsec
DELAY
SELF-
START
12
5
20k
Ω
60pF
OpAmp
CINT
820pF
CREF
180pF
12pF
RIN
1M
Ω
VIN
INPUT
+5V
–5V
50k
Ω
510k
Ω
10k
Ω
3
1
OFFSET
ADJUST
IIN
ZERO
ADJUST
0V –10V
IBIAS
VSS
4
–5V
2
OUTPUT
COMMON
VREF OUT
RBIAS
100k
Ω
AMP OUT
TC9400
TC9401
TC9402
GND
6
THRESHOLD
DETECTOR
THRESHOLD
DETECT
REFERENCE
VOLTAGE
(TYPICALLY –5V)
÷2
VREF
7
–3V
At the end of the charging period, CREF is shorted out.
This dissipates the charge stored on the reference capaci-
tor, so that when the output again crosses zero the system
is ready to recycle. In this manner, the continued discharg-
ing of the integrating capacitor by the input is balanced out
by fixed charges from the reference voltage. As the input
voltage is increased, the number of reference pulses re-
quired to maintain balance increases, which causes the
output frequency to also increase. Since each charge in-
crement is fixed, the increase in frequency with voltage is
linear. In addition, the accuracy of the output pulse width
does not directly affect the linearity of the V/F. The pulse
must simply be long enough for full charge transfer to take
place.
VOLTAGE-TO-FREQUENCY (V/F)
CIRCUIT DESCRIPTION
The TC9400 V/F converter operates on the principal
of charge balancing. The operation of the TC9400 is easily
understood by referring to Figure 1. The input voltage (VIN)
is converted to a current (IIN) by the input resistor. This
current is then converted to a charge on the integrating
capacitor and shows up as a linearly decreasing voltage at
the output of the op amp. The lower limit of the output
swing is set by the threshold detector, which causes the
reference voltage to be applied to the reference capacitor
for a time period long enough to charge the capacitor to
the reference voltage. This action reduces the charge on
the integrating capacitor by a fixed amount (q = CREF ×
VREF), causing the op amp output to step up a finite
amount.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com