Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2946 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2946
Description  NPN Silicon Epitaxial Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2946 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2946 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2946 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
NPN Silicon Epitaxial Transistor
2SC2946
Features
High Votage VCEO=200V
High speed tf
ìs
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
VCBO
330
V
Collector to emitter voltage
VCEO
200
V
Emitter to base voltage
VEBO
7V
Collector current
ICP
2A
Collector peak current *1
IC
4A
Total Power dissipation Ta = 25
*2
PT
2W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*1 PW
10ms, Duty cycle
50%
*2 when mounted on ceramic substrate of 7.5cm
2X0.7mm


Similar Part No. - 2SC2946

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2946 NEC-2SC2946 Datasheet
231Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
2SC2946 NEC-2SC2946 Datasheet
128Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
logo
Renesas Technology Corp
2SC2946 RENESAS-2SC2946 Datasheet
305Kb / 7P
SILICON POWER TRANSISTOR
2002
logo
NEC
2SC29461 NEC-2SC29461 Datasheet
231Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR MP-3
2SC29461 NEC-2SC29461 Datasheet
128Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING
More results

Similar Description - 2SC2946

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com