Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KX8530-252RN Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KX8530-252RN
Description  PFM Step-up DC/DC Converter With High Efficiency And Low Noise
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KX8530-252RN Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  KX8530-252RN Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd KX8530-252RN Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Type
IC
www.kexin.com.cn
4
KX8530
Note
1. Diode: Schottky type, such as :1N5817, 1N5819, 1N5822
2. Inductor: 27uH(R<0.5Ù)
3. Capacitor: 100uF(Tantalum type)
Test Circuits
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
2.45
2.5
2.55
2.646
2.7
2.754
2.94
3.0
3.06
3.234
3.3
3.366
3.528
3.6
3.672
3.92
4.0
4.08
4.9
5.0
5.1
5.88
6.0
6.12
Input Voltage
Vin
12
V
Input Current
Iin
Iout=0mA
Vin=Vout*0.6
12
15
uA
Start-up voltage
Vstart
Iout=1mA,Vin
0
2V
0.8
0.9
V
Hold-on voltage
Vhold
Iout=1mA,Vin
2
0V
0.6
0.7
V
Quiescent
Without
external
current drawn
components,
Vout
from power
=Vout*1.05
source
Switch ON Resistance
Rswon
0.4
0.5
Ù
LX leakage current
ILXleak
Vout=Vlx=6V
0.5
uA
CE "H" threshold voltage
VCEH
VCE
0
2V
0.6
0.9
V
CE"H" threshold voltage
VCEL
VCE
2
0V
0.3
0.6
V
Oscillator frequency
Fosc
LX on "L" side Vout=Vout*0.96
300
350
400
Khz
Oscillator duty cycle
Maxdty
On
Vlx"L"
side
70
75
80
%
Efficiency
ç
85
%
IDD
47
uA
Output Voltage
Vout
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com