Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAV16WS Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAV16WS
Description  Surface Mount Fast Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAV16WS Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAV16WS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-323
1.7+0.1
-0.1
2.6+0.1
-0.1
0.475
0.375
0.85+0.05
-0.05
1.0max
Surface Mount Fast Switching Diode
KAV16WS(BAV16WS)
Features
Fast Switching Speed
Ultra-Small Suface Mount Package
For General Purpose Switching Applications
High Conductance
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Reverse Breakdown Voltage
V(BR)R
IR =1.0
A
75
V
IF = 1.0mA
0.745
IF = 10mA
0.855
IF =50mA
1.0
IF = 150mA
1.25
VR = 75V
1.0
A
VR = 75V,TJ=150
50
A
VR = 25V,TJ=150
30
nA
VR = 20V
25
nA
Junction Capacitance
CJ
VR = 0, f = 1.0MHz
2.0
pF
Reverse Recovery Time
trr
IF=IR=10mA,Irr=0.1xIR,RL=100
4.0
ns
VFM
V
Forwarad voltage
IRM
Peak Revrse current
Marking
Marking
T6 or T4
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak repetitive reverse voltage
VRRM
Working peak reverse voltage
VRWM
DC blocking voltage
VR
RMS reverse voltage
VR(RMS)
53
V
Average rectified output current
IO
150
mA
Forward Continuous Current
IFM
300
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
s
2.0
@t=1.0s
1.0
Power dissipation
PD
200
mW
Typical Thermal Resistance Junction to Ambient
RèJA
325
/W
Operating and storage temperature range
Tj,Tstg
-65to+150
V
75
IFSM
A


Similar Part No. - KAV16WS

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
Surface Mount Fast Switching Diode
More results

Similar Description - KAV16WS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com