Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2884 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2884
Description  Audio Frequency Amplifier Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2884 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2884 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2884 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Audio Frequency Amplifier Applications
2SC2884
Features
Suitable For Output Stage of 1 Watts Amplifier
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SA1204
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
35
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
800
mA
Base Current
IB
160
mA
PC
500
PC*
1000
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on a ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB = 35V , IE =0
0.1
ìA
Emitter Cut-off Current
IEBO
VEB =5V , IC =0
0.1
ìA
Collector-Emitter Breakdown Voltage
V(BR)CEO IC = 10mA , IB =0
30
V
VCE =1V , IC = 100mA
100
320
VCE =1V , IC = 700mA
35
Collector-Emitter Saturation Voltage
VCE(sat) IC = 500mA , IB = 20mA
0.5
V
Base-Emitter Voltage
VBE
VCE =1V , IC = 10mA
0.5
0.8
V
Transition Frequency
fT
VCE =5V , IC = 10mA
120
MHz
Collector Output Capacitance
Cob
VCB = 10V , IE = 0 , f = 1MHz
13
pF
DC Current Gain
hFE


Similar Part No. - 2SC2884

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2884 TOSHIBA-2SC2884 Datasheet
161Kb / 3P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC2884 TOSHIBA-2SC2884 Datasheet
126Kb / 4P
Audio Frequency Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SC2884 HTSEMI-2SC2884 Datasheet
341Kb / 1P
TRANSISTOR(NPN)
logo
Toshiba Semiconductor
2SC2884 TOSHIBA-2SC2884 Datasheet
133Kb / 4P
Audio Frequency Amplifier Applications
logo
SHENZHEN YONGERJIA INDU...
2SC2884 WINNERJOIN-2SC2884 Datasheet
173Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - 2SC2884

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
Audio Frequency Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com