Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4548 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4548
Description  High-Voltage Driver Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4548 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4548 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4548 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC4548 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
High Breakdown Voltage
Adoption of MBIT Process
Excellent hFE Linearlity.
High-Voltage Driver Applications
2SC4548
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
200
mA
Collector Current (Pulse)
ICP
400
mA
Collector Power Dissipation
PC*
1.3
W
Jumction temperature
Tj
150
Storage temperature Range
Tstg
-55to+150
* Mounted on ceramic board (250 mm
2 x 0.8 mm)
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cut-off Current
ICBO
VCB =300V , IE =0
0.1
A
Emitter Cut-off Current
IEBO
VEB =4V , IC =0
0.1
A
Collector-Base Breakdown Voltage
V(BR)CBO IC =10uA , IE =0
400
V
Collector-Emitter Breakdown Voltage
V(BR)CEO IC =1mA , RBE =
400
V
Emitter-Base Breakdown Voltage
V(BR)EBO IE =10uA , IC =0
5
V
DC Current Gain
hFE
VCE =10V , IC =50mA
60
200
Collector-Emitter Saturation Voltage
VCE(sat) IC =50mA , IB =5mA
0.8
V
Base-Emitter Saturation Voltage
VBE(sat) IC =50mA , IB =5mA
1
V
Gain-Bandwidth Product
fT
VCE =30V , IC =10mA
70
MHz
Collector Output Capacitance
Cob
VCB =30V , IE =0, f =1MHz
5
pF
Reverse Transfer Capacitance
Cre
VCB =30V , IE =0, f =1MHz
4
pF
Turn-On Time
ton
0.25
Turn-Off Time
toff
5.0
ìs
See Test Circuit.


Similar Part No. - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4548 SANYO-2SC4548 Datasheet
102Kb / 3P
High-Voltage Driver Applications
logo
Unisonic Technologies
2SC4548 UTC-2SC4548 Datasheet
187Kb / 4P
HIGH VOLTAGE DRIVER APPLICATION
logo
Weitron Technology
2SC4548 WEITRON-2SC4548 Datasheet
399Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4548 HTSEMI-2SC4548 Datasheet
340Kb / 1P
TRANSISTOR(NPN)
logo
SeCoS Halbleitertechnol...
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
More results

Similar Description - 2SC4548

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1699 SANYO-2SA1699 Datasheet
73Kb / 3P
High-Voltage Driver Applications
2SA1700 SANYO-2SA1700 Datasheet
78Kb / 3P
High-Voltage Driver Applications
2SA1772 SANYO-2SA1772 Datasheet
125Kb / 4P
High Voltage Driver Applications??????????
2SA1785 SANYO-2SA1785 Datasheet
121Kb / 4P
High Voltage Driver Applications????????????
2SA1786 SANYO-2SA1786 Datasheet
121Kb / 4P
High Voltage Driver Applications????????????
2SC2857 SANYO-2SC2857 Datasheet
74Kb / 3P
High-Voltage Driver Applications
2SC4002 SANYO-2SC4002 Datasheet
73Kb / 3P
High-Voltage Driver Applications???
logo
Guangdong Kexin Industr...
2SA1740 KEXIN-2SA1740 Datasheet
364Kb / 3P
High-Voltage Driver Applications
logo
ON Semiconductor
SOP8501 ONSEMI-SOP8501 Datasheet
110Kb / 5P
High-Voltage Driver Applications
Jan-2011, Rev. 0
2SA1699 ONSEMI-2SA1699 Datasheet
89Kb / 3P
High-Voltage Driver Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com