Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5053 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC5053
Description  Medium Power Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC5053 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC5053 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Medium Power Transistor
2SC5053
Features
Low saturation voltage, typically VCE(sat) = 0.12V at IC /
IB = 500mA / 50mA.
PC=2W (on 40×40×0.7mm ceramic board).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-60
V
Collector-emitter voltage
VCEO
-50
V
Emitter-base voltage
VEBO
-5
V
IC
-1
A
IC (Pulse) *
1
-2
A
PC
0.5
W
PC *
2
2W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to+150
*1. Single pulse, Pw=100ms, duty=1/2.
*2. 40X40X0.7mm Ceramic board.
Collector current
Collector power dissipation
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base voltage
BVCBO
IC=-50ìA
-60
V
Collector-emitter voltage
BVCEO
IC=-1mA
-50
V
Emitter-base voltage
BVEBO
IE=-50ìA
-5
V
Collector cutoff current
ICBO
VCB=-40V
-0.1
ìA
Emitter cutoff current
IEBO
VEB=-4V
-0.5
ìA
Collector-emitter saturation voltage
VCE(sat) IC=-500mA,IB=-50mA
-0.4
V
Forward current transfer ratio
hFE
VCE=-3V,IC=-0.5A
120
270
Transition frequency
fT
VCE=-5V, IE= 50mA, f=100MHz
150
MHz
Output capacitance
Cob
VCB=-10V, IE=0A, f=1MHz
20
pF
hFE Classification
Marking
CG
Rank
QR


Similar Part No. - 2SC5053

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5053 ROHM-2SC5053 Datasheet
64Kb / 3P
Medium power transistor (50V, 1A)
2SC5053T100Q ROHM-2SC5053T100Q Datasheet
84Kb / 3P
Medium power transistor (50V, 1A)
2SC5053T100R ROHM-2SC5053T100R Datasheet
84Kb / 3P
Medium power transistor (50V, 1A)
2SC5053_REV2008 ROHM-2SC5053_REV2008 Datasheet
84Kb / 3P
Low saturation voltage, typically VCE(sat)=0.12V at IC/IB=500mA/50mA
More results

Similar Description - 2SC5053

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com