Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX84 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # BUX84
Description  POWER TRANSISTORS(2A,400-450V,40W)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

BUX84 Datasheet(HTML) 1 Page - Mospec Semiconductor

  BUX84 Datasheet HTML 1Page - Mospec Semiconductor BUX84 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A


Similar Part No. - BUX84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUX84 PHILIPS-BUX84 Datasheet
94Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
Power Innovations Ltd
BUX84 POINN-BUX84 Datasheet
120Kb / 7P
NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUX84 TRSYS-BUX84 Datasheet
419Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BUX84 BOCA-BUX84 Datasheet
109Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
More results

Similar Description - BUX84

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
POWER TRANSISTORS(7A,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
BUV46 MOSPEC-BUV46 Datasheet
115Kb / 3P
POWER TRANSISTORS(6A,400-450V,70W)
BUV48 MOSPEC-BUV48 Datasheet
117Kb / 3P
POWER TRANSISTORS(15A,400-450V,150W)
BUW12 MOSPEC-BUW12 Datasheet
91Kb / 2P
POWER TRANSISTORS(8A,400-450V,125W)
BUX48 MOSPEC-BUX48 Datasheet
123Kb / 3P
POWER TRANSISTORS(15A,400-450V,175W)
MJE13070 MOSPEC-MJE13070 Datasheet
182Kb / 4P
POWER TRANSISTORS(5A,400-450V,80W)
MJE16002 MOSPEC-MJE16002 Datasheet
190Kb / 4P
POWER TRANSISTORS(5A,450V,80W)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com