Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KI1304BDL Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KI1304BDL
Description  N-Channel 30-V (D-S) MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KI1304BDL Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KI1304BDL Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KI1304BDL Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDS
VGS =0V, ID =250
A
30
V
VDS Temperature Coefficient
VDS/TJ
27.3
VGS(th) Temperature Coefficient
VGS(th)/TJ
3
Gate threshold voltage
VGS(th)
VDS =VGS,ID =250
A
0.6
1.3
V
Gate-body leakage
IGSS
VDS =0V, VGS =
12 V
100
nA
VDS =30 V, VGS =0V
1
VDS =30 V, VGS =0V, TJ =70
5
On-state drain current
ID(on)
VDS
5V, VGS =4.5 V
4A
VGS =4.5 V, ID =0.9
0.216 0.270
VGS =2.5V, ID =0.75
0.308 0.385
Forward transconductance
gfs
VDS =15 V, ID =0.9
2
S
Input Capacitance
Ciss
100
Output Capacitance
Coss
30
Reverse Transfer Capacitance
Crss
20
Total gate charge *
Qg
VDS =15V ,VGS =4.5 V , ID=0.9
1.8
2.7
Total gate charge *
Qg
1.1
1.7
Gate-source charge *
Qgs
0.4
Gate-drain charge *
Qgd
0.6
Gate Resistance
Rg
f=1MHz
1.5
2.3
td(on)
10
15
tr
30
45
td(off)
525
tf
10
15
Continuous Source-Drain Diode Current
IS
TC = 25
0.31
Pulse Diode Forward Current*
ISM
4
Body Diode Voltage
VSD
IS = 0.28 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
50
75
ns
Body Diode Reverse Recovery Charge
Qrr
105
160
nC
Reverse Recovery Fall Time
ta
34
ns
Reverse Recovery Rise Time
tb
16
ns
* Pulse test: PW
300 ìs duty cycle
2%.
Zero gate voltage drain current
IDSS
Drain-source on-state resistance
rDS(on)
VDD =15V , RL =22
,
ID =0.68A , VGEN =4.5V , RG =1
nC
Turn-off time
Turn-on time
IF=0.28A,di/dt=100A/
s,TJ=25
A
pF
mv/
VDS =15V ,VGS =2.5 V , ID=0.9
ID=250
A
VDS =15V, VGS = 0 V,f= 1 MHz
ns
A
KI1304BDL
Marking
Marking
KF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com