Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D44H Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # D44H
Description  POWER TRANSISTORS(10A,30-80V,50W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

D44H Datasheet(HTML) 1 Page - Mospec Semiconductor

  D44H Datasheet HTML 1Page - Mospec Semiconductor D44H Datasheet HTML 2Page - Mospec Semiconductor D44H Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A


Similar Part No. - D44H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
103Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
Boca Semiconductor Corp...
D44H BOCA-D44H Datasheet
163Kb / 3P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
68Kb / 5P
Complementary Silicon Power Transistors
February, 2006 ??Rev. 9
logo
Inchange Semiconductor ...
D44H ISC-D44H Datasheet
123Kb / 3P
isc Silicon NPN Power Transistors
logo
Rectron Semiconductor
D44H RECTRON-D44H Datasheet
189Kb / 4P
10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
More results

Similar Description - D44H

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC1358 MOSPEC-2SC1358 Datasheet
112Kb / 3P
POWER TRANSISTORS(4.5A,1400V,50W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
POWER TRANSISTORS(4.5A,1500V,50W)
2SC2502 MOSPEC-2SC2502 Datasheet
135Kb / 3P
POWER TRANSISTORS(6.0A,400V,50W)
2SC2908 MOSPEC-2SC2908 Datasheet
120Kb / 3P
POWER TRANSISTORS(5.0A,100V,50W)
2SC3039 MOSPEC-2SC3039 Datasheet
137Kb / 3P
POWER TRANSISTORS(7.0A,400V,50W)
2SC3150 MOSPEC-2SC3150 Datasheet
125Kb / 3P
POWER TRANSISTORS(3A,800V,50W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
POWER TRANSISTORS(2.5A,1500V,50W)
D44VM MOSPEC-D44VM Datasheet
133Kb / 3P
POWER TRANSISTORS(8A,30-80V,50W)
logo
KODENSHI_AUK CORP.
SDB1080PH KODENSHI-SDB1080PH Datasheet
284Kb / 5P
80V, 10A POWER SCHOTTKY RECTIFIER
SDB1080PH-1 KODENSHI-SDB1080PH-1 Datasheet
284Kb / 5P
80V, 10A POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com