Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3433IFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3433IFE
Description  High Voltage Step-Up/Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3433IFE Datasheet(HTML) 2 Page - Linear Technology

  LT3433IFE Datasheet HTML 1Page - Linear Technology LT3433IFE Datasheet HTML 2Page - Linear Technology LT3433IFE Datasheet HTML 3Page - Linear Technology LT3433IFE Datasheet HTML 4Page - Linear Technology LT3433IFE Datasheet HTML 5Page - Linear Technology LT3433IFE Datasheet HTML 6Page - Linear Technology LT3433IFE Datasheet HTML 7Page - Linear Technology LT3433IFE Datasheet HTML 8Page - Linear Technology LT3433IFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT3433
3433f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
q
460
V
VIN(UVLO)
Undervoltage Lockout
Enable Threshold
q
3.4
3.95
V
Undervoltage Lockout Hysteresis
160
mV
VOUT
Operating Voltage Range
q
3.3
20
V
VBST
Operating Voltage Range
VBST < VSW_H + 20V
q
75
V
VBST – VSW_H
q
3.3
20
V
IVIN
Normal Operation
(Notes 2, 3)
q
580
940
µA
Burst Mode Operation
VVC < 0.6V
q
100
190
µA
Shutdown
VSHDN < 0.4V
q
10
25
µA
VBIAS
Internal Supply Output Voltage
q
2.6
2.9
V
Operating Voltage Range
q
20
V
IVBIAS
Normal Operation
q
660
990
µA
Burst Mode Operation
VVC < 0.6V
0.1
µA
Shutdown
VSHDN < 0.4V
0.1
µA
Short-Circuit Current Limit
4.5
mA
RSWH(ON)
Boost Supply Switch On-Resistance
ISW = 500mA
q
0.8
1.2
Ω
RSWL(ON)
Output Supply Switch On-Resistance
ISW = 500mA
q
0.6
1
Ω
VSHDN
Shutdown Pin Thresholds
Disable
q
0.4
V
Enable
q
1V
IVBST/ISW
Boost Supply Switch Drive Current
High Side Switch On, ISW = 500mA
q
30
50
mA/A
IVOUT/ISW
Output Supply Switch Drive Current
Low Side Switch On, ISW = 500mA
q
30
50
mA/A
ILIM
Switch Current Limit
q
0.5
0.7
0.9
A
Foldback Current Limit
VFB = 0V
0.35
A
ISS
Soft-Start Output Current
q
359
µA
(Note 1)
Input Supply (VIN) .................................... –0.3V to 60V
Boosted Supply (VBST) .............. –0.3V to VSW_H + 30V
(VBST(MAX) = 80V)
Internal Supply (VBIAS) ............................. – 0.3V to 30V
SW_H Switch Voltage .................................. – 2V to 60V
SW_L Switch Voltage ............................... – 0.3V to 30V
Feedback Voltage (VFB) ............................... – 0.3V to 5V
Burst Enable Pin (VBURST_EN) ................... – 0.3V to 30V
Shutdown Pin (VSHDN) ............................. – 0.3V to 60V
Operating Junction Temperature Range (Note 5)
LT3433E (Note 6) ............................ – 40
°C to 125°C
LT3433I ........................................... – 40
°C to 125°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT3433EFE
LT3433IFE
FE PART MARKING
3433EFE
3433IFE
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17)
MUST BE SOLDERED TO SGND
The q denotes specifications that apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 13.8V, VFB = 1.25V, VOUT = 5V, VBURST_EN = 0V, VBST – VIN = 5V, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SGND
VBST
SW_H
VIN
BURST_EN
VC
VFB
SGND
SGND
SW_L
PWRGND
VOUT
VBIAS
SHDN
SS
SGND
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com