Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440L-R4F90018-Q Datasheet(PDF) 5 Page - Allen-Bradley

Part # 440L-R4F90018-Q
Description  Safety Light Curtains
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-R4F90018-Q Datasheet(HTML) 5 Page - Allen-Bradley

  440L-R4F90018-Q Datasheet HTML 1Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 2Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 3Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 4Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 5Page - Allen-Bradley 440L-R4F90018-Q Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2-50
Presence Sensing Safety Devices
Safety Light Curtains
Area Access Control
Approximate Dimensions—mm (inches) (continued)
Approximate Dimensions are not intended to be used for installation purposes.
9 (0.35)
9 (0.35)
6.5 (0.26)
65
20
°
46.5
64.5
39.5
64.5
60
°
6 (0.23)
6.5 (0.25)
51
82
20 (0.79)
26 (1.02)
M 8 x 30 SW 13
43
22
20
58
71
M 8 x 45
M6
16.5 (0.65)
33.5 (1.32)
63 (2.48)
67 (2.64)
124
149
177
160
38 (1.50)
96 (3.78)
100 (3.94)
14
8.5
10 (.039)
2.5 (0.10)
~7 (0.28)
Corner mirror
(2.56)(2.01)
(2.54)
(1.83)
(3.23)
(1.55)
(2.54)
(4.88)
(5.87)
(6.30)
(6.97)
(0.55)
(0.33)
SW 13
(0.79)
(2.28)
(2.80)
(1.69)
(0.87)
Mounting bracket 440L-AMBRK4
Catalogue number 440L-AMIRR2
Catalogue number 440L-AMIRR1
Shown with bracket (440L-AMBRK1)
Mounted to mirror (440L-AMIRR1)
40 (1.57)
96.5
(3.80)
80
(3.15)
76
(2.99)
69.5
(2.74)
8.5
(0.33)
63
(2.48)
80
(3.15)
8.5
(0.33)
146.5
(5.77)
40
(1.57)
40.5
(1.59)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com