Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV18
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV18 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV18 Datasheet HTML 1Page - Vishay Siliconix BAV18 Datasheet HTML 2Page - Vishay Siliconix BAV18 Datasheet HTML 3Page - Vishay Siliconix BAV18 Datasheet HTML 4Page - Vishay Siliconix BAV18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85543
Rev. 1.6, 20-Apr-06
BAV17 / 18 / 19 / 20 / 21
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Junction to ambient air
l = 4 mm, TL = constant
RthJA
300
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 100 mA
VF
1000
mV
Reverse current
VR = 20 V
BAV17
IR
100
nA
VR = 50 V
BAV18
IR
100
nA
VR = 100 V
BAV19
IR
100
nA
VR = 150 V
BAV20
IR
100
nA
VR = 200 V
BAV21
IR
100
nA
Tj = 100 °C, VR = 20 V
BAV17
IR
15
μA
Tj = 100 °C, VR = 50 V
BAV18
IR
15
μA
Tj = 100 °C, VR = 100V
BAV19
IR
15
μA
Tj = 100 °C, VR = 150 V
BAV20
IR
15
μA
Tj = 100 °C, VR = 200 V
BAV21
IR
15
μA
Breakdown voltage
IR = 100 μA, tp/T = 0.01,
tp = 0.3 ms
BAV17
V(BR)
25
V
BAV18
V(BR)
60
V
BAV19
V(BR)
120
V
BAV20
V(BR)
200
V
BAV21
V(BR)
250
V
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Differential forward resistance
IF = 10 mA
rf
5
Ω
Reverse recovery time
IF = IR = 30 mA,
iR = 3 mA,
RL = 100 Ω
trr
50
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com