Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KFS20 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KFS20
Description  NPN Medium Frequency Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KFS20 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KFS20 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
www.kexin.com.cn
NPN Medium Frequency Transistor
KFS20(BFS20)
Features
Low current (max. 25 mA)
Low voltage (max. 20 V)
Very low feedback capacitance (typ. 350 fF).
Marking
Marking
G1
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
30
V
Collector-emitter voltage
VCEO
20
V
Emitter-base voltage
VEBO
4V
Collector current
IC
25
mA
Peak collector current
ICM
25
mA
power dissipation
PD
250
mW
Thermal resistance from junction to ambient *
Rth j-a
500
K/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65to+150
* Transistor mounted on an FR4 printed-circuit board.
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
IE =0;VCB = 20 V
100
nA
ICBO
IE =0;VCB =20V;Tj = 100
10
A
Emitter cutoff current
IEBO
IC =0;VEB = 4V
100
nA
DC current gain
hFE
IC =7mA;VCE = 10 V
40
85
Base to emitter voltage
VBE
IC =7mA;VCE = 10V
740
900
mV
Collector capacitance
CC
IE =ie =0;VCB =10V;f=1MHz
1
pF
Freedback capacitance
Cre
IC=0,VCB=10V,f=1MHz
350
pF
Transition frequency
fT
IC =5mA; VCE =10 V; f = 100 MHz
275
450
MHz
Collector cutoff current


Similar Part No. - KFS20

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
462Kb / 3P
IEC Appliance Inlet C14 with Filter
KFS SCHURTER-KFS Datasheet
476Kb / 5P
IEC Appliance Inlet C14 with Filter
logo
M-System Co.,Ltd.
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
logo
Schurter Inc.
KFS SCHURTER-KFS Datasheet
528Kb / 6P
IEC Appliance Inlet C14 with Filter
04.01.2022
logo
List of Unclassifed Man...
KFS ETC-KFS Datasheet
61Kb / 1P
Machined Aluminum Series
More results

Similar Description - KFS20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF199 PHILIPS-BF199 Datasheet
54Kb / 8P
NPN medium frequency transistor
1997 Jul 07
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 21
BF840 PHILIPS-BF840 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
BF840 KEXIN-BF840 Datasheet
36Kb / 1P
NPN Medium Frequency Transistor
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
NPN medium frequency transistor
2004 Feb 05
BFS20W NXP-BFS20W Datasheet
119Kb / 7P
NPN medium frequency transistor
1999 Apr 21
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
NPN medium frequency transistor
2004 Mar 15
BFS19 NEXPERIA-BFS19 Datasheet
284Kb / 8P
NPN medium frequency transistor
2004 Jan 05
BFS20W NEXPERIA-BFS20W Datasheet
296Kb / 8P
NPN medium frequency transistor
1999 Apr 21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com