Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF994SA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BF994SA
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF994SA Datasheet(HTML) 2 Page - Vishay Siliconix

  BF994SA Datasheet HTML 1Page - Vishay Siliconix BF994SA Datasheet HTML 2Page - Vishay Siliconix BF994SA Datasheet HTML 3Page - Vishay Siliconix BF994SA Datasheet HTML 4Page - Vishay Siliconix BF994SA Datasheet HTML 5Page - Vishay Siliconix BF994SA Datasheet HTML 6Page - Vishay Siliconix BF994SA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BF994S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (7)
Document Number 85008
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Drain - source
breakdown voltage
ID = 10 mA, –VG1S = –VG2S = 4 V
V(BR)DS
20
V
Gate 1 - source
breakdown voltage
±IG1S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
6
20
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG1S = VDS = 0
±V(BR)G2SS
20
V
Gate 1 - source
leakage current
±VG1S = 5 V, VG2S = VDS = 0
±IG1SS
50
nA
Gate 2 - source
leakage current
±VG2S = 5 V, VG1S = VDS = 0
±IG2SS
50
nA
Drain current
VDS = 15 V, VG1S = 0, VG2S = 4 V
BF994S
IDSS
4
18
mA
DS
G1S
G2S
BF994SA
IDSS
4
10.5
mA
BF994SB
IDSS
9.5
18
mA
Gate 1 - source
cut-off voltage
VDS = 15 V, VG2S = 4 V, ID = 20 mA
–VG1S(OFF)
2.5
V
Gate 2 - source
cut-off voltage
VDS = 15 V, VG1S = 0, ID = 20 mA
–VG2S(OFF)
2.0
V
Electrical AC Characteristics
VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz , Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward transadmittance
y21s
15
18.5
mS
Gate 1 input capacitance
Cissg1
2.5
3.0
pF
Gate 2 input capacitance
VG1S = 0, VG2S = 4 V
Cissg2
1.2
pF
Feedback capacitance
Crss
25
35
fF
Output capacitance
Coss
1.0
1.3
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
25
dB
AGC range
VG2S = 4 to –2 V, f = 200 MHz
DGps
50
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1.0
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com