Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3506AEDHD Datasheet(PDF) 21 Page - Linear Technology

Part # LT3506AEDHD
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506AEDHD Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3506AEDHD Datasheet HTML 16Page - Linear Technology LT3506AEDHD Datasheet HTML 17Page - Linear Technology LT3506AEDHD Datasheet HTML 18Page - Linear Technology LT3506AEDHD Datasheet HTML 19Page - Linear Technology LT3506AEDHD Datasheet HTML 20Page - Linear Technology LT3506AEDHD Datasheet HTML 21Page - Linear Technology LT3506AEDHD Datasheet HTML 22Page - Linear Technology LT3506AEDHD Datasheet HTML 23Page - Linear Technology LT3506AEDHD Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3506/LT3506A

3506afb
TYPICAL APPLICATIO S
Low Ripple, Low Profile 0.8V, 3A Converter, Maximum Height = 1mm
VIN
3.6V TO 8V
3506 TA05
68
µF
22
µF
0.1
µF
0.1
µF
10k
L1
1.5
µH
L2
1.5
µH
VOUT
0.8V
3A
100k
4.7nF
VC1
VC2
RUN/SS1
RUN/SS2
PGOOD1
PGOOD2
BOOST1
SW1
BOOST2
SW2
FB1
FB2
LT3506AEDHD
VIN2
VIN1
GND
D1, D2: DIODES, INC. DFLS230L
D3: BAT-54AT
L1, L2: COILCRAFT LPO6610-152ML
PGOOD
D1
D2
D3a
D3b
VOUT
20k
1000pF
Low Profile 1.8V and 1.3V Outputs with Sequencing, Maximum Height = 1.2mm
VIN
4.5V TO 10V
3506 TA06
47
µF
22
µF
10
µF
0.1
µF
0.1
µF
28k
18.7k
17.4k
L2
2.2
µH
L1
2.2
µH
VOUT2
1.3V
1.6A
VOUT1
1.8V
1.5A
15k
4.7nF
1.5nF
1.5nF
BOOST1
SW1
FB1
VC1
RUN/SS1
RUN/SS2
PGOOD2
BOOST2
SW2
FB2
VC2
PGOOD1
LT3506AEDHD
VIN2
VIN1
GND
D1, D2: DIODES, INC. DFLS230L
D3: BAT-54AW
L1, L2: COILCRAFT LPS4012-222
PGOOD
D1
D2
D3a
D3b
100k
15k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com