Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3572 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3572
Description  Dual Full-Bridge Piezo Driver with 900mA Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3572 Datasheet(HTML) 5 Page - Linear Technology

  LT3572 Datasheet HTML 1Page - Linear Technology LT3572 Datasheet HTML 2Page - Linear Technology LT3572 Datasheet HTML 3Page - Linear Technology LT3572 Datasheet HTML 4Page - Linear Technology LT3572 Datasheet HTML 5Page - Linear Technology LT3572 Datasheet HTML 6Page - Linear Technology LT3572 Datasheet HTML 7Page - Linear Technology LT3572 Datasheet HTML 8Page - Linear Technology LT3572 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT3572
5
3572fa
PIN FUNCTIONS
SW (Pin 1): Switch Node. This pin connects to the col-
lector of an internal NPN power switch.
VIN (Pin 2): Input Supply Pin. This pin must be locally
bypassed with a capacitor.
SYNC (Pin 3): Synchronization Pin. This pin is used to
synchronize the internal oscillator to an external signal.
The synchronizing range is 15% above the free running
frequency set by the RT pin up to 2.5MHz. If not used,
this pin must be tied to GND.
RT (Pin 4): Frequency Set Pin. Place a resistor to GND
to set the internal frequency. The range of oscillation is
500kHz to 2.25MHz.
GND (Pins 5, 9, 20): Ground.
PWMB (Pin 6): Logic Input for the Driver. A high signal
on this input sets OUTB high and OUTB low.
PWMA (Pin 7): Logic Input for the Driver. A high signal
on this input sets OUTA high and OUTA low.
VOUT (Pin 8): Output for the Switching Regulator and the
Input Supply for the Drivers.
SHDN (Pin 10): Shutdown Pin. Tie to 1.5V or more to
enable the switcher. Pull low to disable the switcher.
SHDNA (Pin 11): Shutdown Pin. Tie to 1.5V or more to
enable OUTA and OUTA. Pull low to place OUTA and OUTA
in a high impedance state.
SHDNB (Pin 12): Shutdown Pin. Tie to 1.5V or more to
enable OUTB and OUTB. Pull low to place OUTB and OUTB
in a high impedance state.
FB (Pin 13): Feedback Pin. The LT3572 regulates this pin
to 1.225V. Connect the feedback resistors to this pin to
set the output voltage for the switching regulator.
SS (Pin 14): Soft-Start Pin. Place a soft-start capacitor
here. A capacitor on the soft-start pin slowly ramps the
current limit of the part from 0A to 1.3A.
PGOOD (Pin 15): This pin is an open-drain output that
pulls low when the FB pin is within 95% of its regulation
value.
OUTB (Pin 16): The Output Driver. This node switches
between VOUT and GND and is inverted from OUTB.
OUTB (Pin 17): The Output Driver. This node switches
between VOUT and GND.
OUTA (Pin 18): The Output Driver. This node switches
between VOUT and GND .
OUTA (Pin 19): The Output Driver. This node switches
between VOUT and GND and is inverted from OUTA.
Exposed Pad (Pin 21): Ground. The Exposed Pad of the
package provides both electrical contact to ground and
good thermal contact to the printed circuit board. The
Exposed Pad must be soldered to the circuit board for
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com