Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3684EDD Datasheet(PDF) 21 Page - Linear Technology

Part # LT3684EDD
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3684EDD Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3684EDD Datasheet HTML 16Page - Linear Technology LT3684EDD Datasheet HTML 17Page - Linear Technology LT3684EDD Datasheet HTML 18Page - Linear Technology LT3684EDD Datasheet HTML 19Page - Linear Technology LT3684EDD Datasheet HTML 20Page - Linear Technology LT3684EDD Datasheet HTML 21Page - Linear Technology LT3684EDD Datasheet HTML 22Page - Linear Technology LT3684EDD Datasheet HTML 23Page - Linear Technology LT3684EDD Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LT3684
21
3684f
TYPICAL APPLICATIONS
1.8V Step-Down Converter
12V Step-Down Converter
SW
BIAS
FB
VC
PG
RT
VIN
BD
VIN
15V TO 34V
VOUT
12V
2A
10
µF
0.47
µF
22
µF
100k
f = 800kHz
D: DIODES INC. DFLS240L
L: NEC/TOKIN PLC-0755-100
D
30k
60.4k
L
10
µH
845k
GND
330pF
ON OFF
LT3684
3684 TA06
RUN/SS
BOOST
SW
BIAS
FB
VC
PG
RT
VIN
BD
VIN
3.5V TO 27V
VOUT
1.8V
2A
4.7
µF
0.47
µF
47
µF
200k
f = 500kHz
D: DIODES INC. DFLS240L
L: TAIYO YUDEN NP06DZB3R3M
D
15.4k
105k
L
3.3
µH
84.5k
GND
330pF
ON OFF
LT3684
3684 TA07
RUN/SS
BOOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com