Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3592IMSE-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3592IMSE-TR
Description  500mA Wide Input Voltage Range Step-Down LED Driver with 10:1 Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3592IMSE-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3592IMSE-TR Datasheet HTML 6Page - Linear Technology LT3592IMSE-TR Datasheet HTML 7Page - Linear Technology LT3592IMSE-TR Datasheet HTML 8Page - Linear Technology LT3592IMSE-TR Datasheet HTML 9Page - Linear Technology LT3592IMSE-TR Datasheet HTML 10Page - Linear Technology LT3592IMSE-TR Datasheet HTML 11Page - Linear Technology LT3592IMSE-TR Datasheet HTML 12Page - Linear Technology LT3592IMSE-TR Datasheet HTML 13Page - Linear Technology LT3592IMSE-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3592
10
3592fa
Oscillator
The frequency of operation is programmed by an external
resistor from RT to ground. Table 1 shows RT values for
commonly used oscillator frequencies, and refer to the Typi-
cal Performance Characteristics curve for other values.
APPLICATIONS INFORMATION
The BRIGHT mode current is given by:
IBRIGHT = 200mV/RSENSE
The DIM mode current is 10% of the BRIGHT mode value.
The maximum allowed DC value of the BRIGHT mode cur-
rent is 500mA. When the recommended component values
are used in a 900kHz 2 LED application, the transient from
switching between BRIGHT and DIM currents will be less
than 50μs in duration.
The sense resistor used should exhibit a low TC to keep
the LED current from drifting as the operating temperature
changes.
The BRIGHT pin can tolerate voltages as high as 36V and
can be safely tied to VIN even in high voltage applications,
but it also has a low threshold voltage (~0.7V) that allows
it to interface to logic level control signals.
Input Voltage Range
The maximum allowed input voltage for the LT3592 is
36V. The minimum input voltage is determined by either
the LT3592’s minimum operating voltage of 3.6V or by
its maximum duty cycle. The duty cycle is the fraction of
time that the internal switch is on and is determined by
the input and output voltages:
DC
=
V
OUT + VD
V
IN –VSW + VD
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
Table 2. Inductor Vendor Information
SUPPLIER
PHONE
FAX
WEBSITE
Panasonic
(800) 344-2112
www.panasonic.com/industrial/components/components.html
Vishay
(402) 563-6866
(402) 563-6296
www.vishay.com/resistors
Coilcraft
(847) 639-6400
(847) 639-1469
www.coilcraft.com
CoEv Magnetics
(800) 227-7040
(650) 361-2508
www.circuitprotection.com/magnetics.asp
Murata
(814) 237-1431
(800) 831-9172
(814) 238-0490
www.murata.com
Sumida
USA: (847) 956-0666
Japan: 81(3) 3607-5111
USA: (847) 956-0702
Japan: 81(3) 3607-5144
www.sumida.com
TDK
(847) 803-6100
(847) 803-6296
www.component.tdk.com
TOKO
(847) 297-0070
(847) 699-7864
www.tokoam.com
FB Resistor Network
The output voltage limit is programmed with a resistor
divider between the output and the VFB pin. This is the
voltage that the output will be clamped to in case the LED
goes open circuit. Choose the resistors according to
R1 = R2([VOUT/1.21V] – 1)
Be sure to choose VOUT such that it does not interfere with
the operation of the current control loop; it should be set
at least 10% above the maximum expected LED voltage
for the selected BRIGHT output current. R2 should be 20k
or less to avoid bias current errors. An optional phase-
lead capacitor of 22pf between VOUT and VFB reduces
light-load ripple.
Output Current Selection
The output current levels are programmed by the value of
the external current sense resistor between CAP and OUT.
Table 1. RT Values for Selector Oscillator Frequencies
fOSC
RT
400kHz
357k
900kHz
140k
2.2MHz
48.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com