Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3825EFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3825EFE
Description  Isolated No-Opto Synchronous Flyback Controller with Wide Input Supply Range
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3825EFE Datasheet(HTML) 2 Page - Linear Technology

  LT3825EFE Datasheet HTML 1Page - Linear Technology LT3825EFE Datasheet HTML 2Page - Linear Technology LT3825EFE Datasheet HTML 3Page - Linear Technology LT3825EFE Datasheet HTML 4Page - Linear Technology LT3825EFE Datasheet HTML 5Page - Linear Technology LT3825EFE Datasheet HTML 6Page - Linear Technology LT3825EFE Datasheet HTML 7Page - Linear Technology LT3825EFE Datasheet HTML 8Page - Linear Technology LT3825EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LT3825
2
3525fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND
Low Impedance Source ........................ –0.3V to 18V
Current Fed
(VCC has Internal 19.5V Clamp) ...........30mA into VCC
UVLO, SYNC Pin Voltage ........................... –0.3V to VCC
SENSE–, SENSE+ Pin Voltage...................... –0.5V, +0.5V
FB Pin Current........................................................±2mA
VC Pin Current....................................................... ±1mA
Operating Junction Temperature Range
(Notes 2, 3) .......................................... –40°C to 125°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
ELECTRICAL CHARACTERISTICS
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VCC = 14V; PG, SG Open; VC = 1.5V, VSENSE– = 0V; RCMP = 1k, RtON = 90k, RPGDLY = 27.4k, RENDLY = 90k, unless otherwise specified.
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
SG
VCC
tON
ENDLY
SYNC
SFST
OSC
FB
PG
PGDLY
RCMP
CCMP
SENSE+
SENSE–
UVLO
VC
17
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC Turn-On Voltage
l
14.0
15.3
16.0
V
VCC Turn-Off Voltage
●
8
9.7
11
V
VCC Hysteresis
VCC(ON) – VCC(OFF)
●
4.0
5.6
6.5
V
VCC Shunt Clamp
VUVLO = 0V, IVCC = 15mA
●
19.5
20.5
V
VCC Supply Current (Note 5) (ICC)VC = Open
●
4
6.4
10
mA
VCC Start-Up Current
VCC = 10V
●
180
400
μA
Feedback Amplifier
Feedback Regulation Voltage (VFB)
●
1.220
1.237
1.251
V
Feedback Pin Input Bias Current
RCMP Open
200
nA
Feedback Amplifier Transconductance
ΔIC = ±10μA
●
700
1000
1400
μmho
Feedback Amplifier Source or Sink Current
●
25
55
90
μA
Feedback Amplifier Clamp Voltage
VFB = 0.9V
VFB = 1.4V
2.56
V
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3825EFE#PBF
LT3825EFE#TRPBF
3825EFE
16-Lead Plastic 4.4mm TSSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3825EFE
LT3825EFE#TR
3825EFE
16-Lead Plastic 4.4mm TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com