Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-CSG100 Datasheet(PDF) 2 Page - Actel Corporation

Part # EX128-CSG100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CSG100 Datasheet(HTML) 2 Page - Actel Corporation

  EX128-CSG100 Datasheet HTML 1Page - Actel Corporation EX128-CSG100 Datasheet HTML 2Page - Actel Corporation EX128-CSG100 Datasheet HTML 3Page - Actel Corporation EX128-CSG100 Datasheet HTML 4Page - Actel Corporation EX128-CSG100 Datasheet HTML 5Page - Actel Corporation EX128-CSG100 Datasheet HTML 6Page - Actel Corporation EX128-CSG100 Datasheet HTML 7Page - Actel Corporation EX128-CSG100 Datasheet HTML 8Page - Actel Corporation EX128-CSG100 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
eX Automotive Family FPGAs
ii
v3.2
Ordering Information
Plastic Device Resources
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability.
Note: Automotive grade parts (A grade) devices are tested at room temperature to specifications that have been guard banded based on
characterization across the recommended operating conditions. A-grade parts are not tested at extended temperatures. If testing to
ensure guaranteed operation at extended temperatures is required, please contact your local Actel Sales office to discuss testing
options available.
eX128
TQ
Part Number
Package Type
TQ = Thin Quad Flat Pack (1.4mm pitch)
CS = Chip-Scale Package (0.8mm pitch)
100
A
Package Lead Count
Speed Grade
Application (Ambient Temperature Range)
A = Automotive (-40˚C to 125˚C)
64 Dedicated Flip-Flops (3,000 System Gates)
eX64
=
eX128
128 Dedicated Flip-Flops (6,000 System Gates)
=
eX256
256 Dedicated Flip-Flops (12,000 System Gates)
=
G
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS Compliant Packaging
I = Industrial (-40˚C to 85˚C)
Blank = Commercial (0˚C to 70˚C)
Standard Speed
Blank=
P
Approximately 30% Faster than Standard
=
F
Approximately 40% Slower than Standard
=
Device
User I/Os (Including Clock Buffers)
64-Pin TQFP
100-Pin TQFP
49-Pin CSP
128-Pin CSP
180-Pin CSP
eX64
41
56
36
84
—
eX128
467036
100
—
eX256
—
81
—
100
132
Note: Package Definitions: TQFP = Thin Quad Flat Pack, CSP = Chip Scale Package
Std.
A
✓
Note: Refer to the eX Family FPGAs datasheet for more details on commercial-
and industrial-grade offerings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com