Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5515EUF Datasheet(PDF) 4 Page - Linear Technology

Part # LT5515EUF
Description  1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5515EUF Datasheet(HTML) 4 Page - Linear Technology

  LT5515EUF Datasheet HTML 1Page - Linear Technology LT5515EUF Datasheet HTML 2Page - Linear Technology LT5515EUF Datasheet HTML 3Page - Linear Technology LT5515EUF Datasheet HTML 4Page - Linear Technology LT5515EUF Datasheet HTML 5Page - Linear Technology LT5515EUF Datasheet HTML 6Page - Linear Technology LT5515EUF Datasheet HTML 7Page - Linear Technology LT5515EUF Datasheet HTML 8Page - Linear Technology LT5515EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT5515
4
5515fa
SUPPLY VOLTAGE (V)
4.0
170
150
130
110
90
70
5.5
5515 ¥ G01
4.5
5.0
TA = 85°C
TA = 25°C
TA = – 40°C
RF INPUT FREQUENCY (GHz)
RF INPUT FREQUENCY (GHz)
1.7
25
20
15
10
5
0
–5
2.0
2.2
5515 ¥ G02
1.8
1.9
2.1
2.3
2.4
1.7
2.0
2.2
1.8
1.9
2.1
2.3
2.4
70
60
50
40
30
20
5515 ¥ G03
RF INPUT POWER (dBm)
–16
20
0
–20
–40
–60
–80
–100
–12
–8
–4
0
5515 ¥ G04
48
RF INPUT FREQUENCY (GHz)
1.7
1.4
1.0
0.6
0.2
– 0.2
– 0.6
1.9
2.1
2.2
5515 ¥ G05
1.8
2.0
2.3
2.4
RF INPUT FREQUENCY (GHz)
1.7
6
4
2
0
–2
–4
–6
2.0
2.2
5515 ¥ G06
1.8
1.9
2.1
2.3
2.4
SUPPLY VOLTAGE (V)
24
20
16
12
8
4
0
–4
5515 ¥ G07
4.0
4.5
5.0
5.5
LO INPUT POWER (dBm)
–12
20
18
16
14
12
–10
–8
–6
–4
5515 ¥ G08
–2
0
LO INPUT POWER (dBm)
24
20
16
12
8
4
0
–4
5515 ¥ G09
–12
–10
–8
–6
–4
–2
0
IIP3
NF
CONV GAIN
IIP3
CONV GAIN
PLO = –5dBm
TA = 25°C
VCC = 5V
PLO = –5dBm
TA = 25°C
VCC = 5V
TA = 25°C
VCC = 5V
fBB = 1MHz
PLO = –5dBm
VCC = 5V
fBB = 1MHz
PLO = –5dBm
fLO = 1901MHz
VCC = 5V
fLO = 1901MHz
PLO = –5dBm
OUTPUT POWER
IM3
TA = 85°C
TA = 85°C
TA = 85°C
TA = – 40°C
TA = – 40°C
TA = – 40°C
TA = 25°C
TA = 25°C
TA = 85°C
TA = 85°C
TA = – 40°C
TA = – 40°C
TA = 25°C
IIP3
CONV GAIN
fLO = 1901MHz
VCC = 5V
TA = 25°C
TA = 25°C
fRF = 1.7GHz
fRF = 1.9GHz
fRF = 2.1GHz
TA = 85°C
TA = 85°C
TA = 25°C
TA = – 40°C
TA = – 40°C
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
(Test circuit optimized for 1.9GHz operation as shown in Figure 2)
Supply Current vs Supply Voltage
Conv Gain, NF, IIP3 vs
RF Input Frequency
IIP2 vs RF Input Frequency
I/Q Output Power, IM3 vs
RF Input Power
I/Q Gain Mismatch vs
RF Input Frequency
I/Q Phase Mismatch vs
RF Input Frequency
Conv Gain, IIP3 vs
Supply Voltage
NF vs LO Input Power
Conv Gain, IIP3 vs
LO Input Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com