Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-CS100I Datasheet(PDF) 21 Page - Actel Corporation

Part # EX128-CS100I
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100I Datasheet(HTML) 21 Page - Actel Corporation

Back Button EX128-CS100I Datasheet HTML 17Page - Actel Corporation EX128-CS100I Datasheet HTML 18Page - Actel Corporation EX128-CS100I Datasheet HTML 19Page - Actel Corporation EX128-CS100I Datasheet HTML 20Page - Actel Corporation EX128-CS100I Datasheet HTML 21Page - Actel Corporation EX128-CS100I Datasheet HTML 22Page - Actel Corporation EX128-CS100I Datasheet HTML 23Page - Actel Corporation EX128-CS100I Datasheet HTML 24Page - Actel Corporation EX128-CS100I Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
eX Automotive Family FPGAs
v3.2
1-17
eX Timing Model
Hardwired Clock
External Setup =
tINYH + tIRD1 + tSUD – tHCKH
=
1.3 + 0.5 + 0.8 – 1.8 = 0.8 ns
Clock-to-Out (Pad-to-Pad), typical
=tHCKH + tRCO + tRD1 + tDHL
=
1.8 + 1.0 + 0.6 + 4.9 = 8.3 ns
Routed Clock
External Setup =
tINYH + tIRD2 + tSUD – tRCKH
=
1.3 + 0.7 + 0.8 – 2.3 = 0.5 ns
Clock-to-Out (Pad-to-Pad), typical
=tRCKH + tRCO + tRD1 + tDHL
=
2.3 + 1.0 + 0.6 + 4.9 = 8.8 ns
Note: *Values shown for eX128, worst-case automotive conditions (2.3 V VCCA, 3.3 V VCCI, 35 pF Pad Load).
Figure 1-15 • eX Timing Model
Input Delays
Internal Delays
Predicted
Routing
Delays
Output Delays
I/O Module
t
INYH = 1.3 ns
t
IRD2 = 0.7 ns
t
IRD1 = 0.5 ns
Combinatorial
Cell
I/O Module
t
DHL = 4.9 ns
t
RD8 = 1.9 ns
t
RD4 = 1.1 ns
t
RD1 = 0.6 ns
t
PD = 1.1 ns
I/O Module
t
DHL = 4.9 ns
t
RD1 = 0.6 ns
t
RCO= 1.0 ns
I/O Module
t
INYH = 1.3 ns
t
ENZL= 4.0 ns
t
SUD = 0.8 ns
t
HD = 0.0 ns
t
SUD = 0.8 ns
t
HD = 0.0 ns
t
RCKH= 2.3 ns
(100% Load)
t
IRD1 = 0.5 ns
DQ
Register
Cell
Routed
Clock
t
RD1 = 0.6 ns
t
RCO= 1.0 ns
t
HCKH= 1.8 ns
DQ
Register
Cell
Hardwired
Clock
I/O Module
t
DHL = 4.9 ns
t
ENZL= 4.0 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com