Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS80C32X2-VCAD Datasheet(PDF) 3 Page - TEMIC Semiconductors

Part # TS80C32X2-VCAD
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-VCAD Datasheet(HTML) 3 Page - TEMIC Semiconductors

  TS80C32X2-VCAD Datasheet HTML 1Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 2Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 3Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 4Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 5Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 6Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 7Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 8Page - TEMIC Semiconductors TS80C32X2-VCAD Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Rev. B - Jan. 25, 1999
3
Preliminary
TS80C52X2
4. SFR Mapping
The Special Function Registers (SFRs) of the TS80C52X2 fall into the following categories:
• C51 core registers: ACC, B, DPH, DPL, PSW, SP, AUXR1
• I/O port registers: P0, P1, P2, P3
• Timer registers: T2CON, T2MOD, TCON, TH0, TH1, TH2, TMOD, TL0, TL1, TL2, RCAP2L, RCAP2H
• Serial I/O port registers: SADDR, SADEN, SBUF, SCON
• Power and clock control registers: PCON
• PCA registers: CL, CH, CCAPiL, CCAPiH, CCON, CMOD, CCAPMi
• Interrupt system registers: IE, IP, IPH
• Others: AUXR, CKCON
Table 2. All SFRs with their address and their reset value
Bit
address-
able
Non Bit addressable
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
FFh
F0h
B
0000 0000
F7h
E8h
EFh
E0h
ACC
0000 0000
E7h
D8h
DFh
D0h
PSW
0000 0000
D7h
C8h
T2CON
0000 0000
T2MOD
XXXX XX00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CFh
C0h
C7h
B8h
IP
XX00 0000
SADEN
0000 0000
BFh
B0h
P3
1111 1111
IPH
XX00 0000
B7h
A8h
IE
0X00 0000
SADDR
0000 0000
AFh
A0h
P2
1111 1111
AUXR1
XXXX 0XX0
A7h
98h
SCON
0000 0000
SBUF
XXXX XXXX
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
XXXXXX00
CKCON
XXXX XXX0
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00X1 0000
87h
0/8
1/9
2/A
3/B
4/C
5/D
6/E
7/F
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com