Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX128-CS100A Datasheet(PDF) 46 Page - Actel Corporation

Part # EX128-CS100A
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100A Datasheet(HTML) 46 Page - Actel Corporation

Back Button EX128-CS100A Datasheet HTML 41Page - Actel Corporation EX128-CS100A Datasheet HTML 42Page - Actel Corporation EX128-CS100A Datasheet HTML 43Page - Actel Corporation EX128-CS100A Datasheet HTML 44Page - Actel Corporation EX128-CS100A Datasheet HTML 45Page - Actel Corporation EX128-CS100A Datasheet HTML 46Page - Actel Corporation EX128-CS100A Datasheet HTML 47Page - Actel Corporation EX128-CS100A Datasheet HTML 48Page - Actel Corporation EX128-CS100A Datasheet HTML 49Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
eX Family FPGAs
3- 2
v4.3
v3.0
The "TDO, I/O Test Data Output" section was updated.
1-26
(continued)
The "TMS Test Mode Select" section was updated.
1-26
The "TRST, I/O Boundary Scan Reset Pin" section was updated.
1-26
All VSV pins were changed to VCCA. The change affected the following pins:
64-Pin TQFP –Pin 36
100-Pin TQFP –Pin 57
49-Pin CSP –Pin D5
128-Pin CSP–Pin H11 and Pin J1 for eX256
180-Pin CSP –Pins J12 and K2
v2.0.1
The "Recommended Operating Conditions" section has been changed.
1-13
The "3.3V LVTTL Electrical Specifications" section has been updated.
1-15
The "5.0V TTL Electrical Specifications" section has been updated.
1-15
The "Total Dynamic Power (mW)" section is new.
1-8
The "System Power at 5%, 10%, and 15% Duty Cycle" section is new.
1-8
The "eX Timing Model" section has been updated.
1-18
Advanced v0.4
The I/O Features table, Table 1-2 on page 1-5, was updated.
1-5
The table, "Standby Power of eX Devices in LP Mode Typical Conditions, VCCA, VCCI =
2.5V, TJ = 25× C" section, was updated.
1-6
"Typical eX Standby Current at 25°C" section is a new table.
1-13
The table in the section, "Package Thermal Characteristics" section has been updated for
the 49-Pin CSP.
1-17
The "eX Timing Model" section has been updated.
1-18
The timing numbers found in, "eX Family Timing Characteristics" section have been
updated.
1-22
The VSV pin has been added to the "Pin Description" section.
1-26
Please see the following pin tables for the VSV pin and an important footnote including the
pin: "64-Pin TQFP","100-Pin TQFP",, ,"128-Pin CSP", and "180-Pin CSP".
2-1, 2-3, 2-6, 2-11
The figure, "64-Pin TQFP" section has been updated.
2-1
Advanced v0.3
In the Product Profile, the Maximum User I/Os for eX64 was changed to 84.
1-i
In the Product Profile table, the Maximum User I/Os for eX128 was changed to 100.
1-i
Previous version
Changes in current version (v4.3)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com