Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5528 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5528
Description  1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5528 Datasheet(HTML) 3 Page - Linear Technology

  LT5528 Datasheet HTML 1Page - Linear Technology LT5528 Datasheet HTML 2Page - Linear Technology LT5528 Datasheet HTML 3Page - Linear Technology LT5528 Datasheet HTML 4Page - Linear Technology LT5528 Datasheet HTML 5Page - Linear Technology LT5528 Datasheet HTML 6Page - Linear Technology LT5528 Datasheet HTML 7Page - Linear Technology LT5528 Datasheet HTML 8Page - Linear Technology LT5528 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5528
3
5528f
VCC = 5V, EN = High, TA = 25°C, fLO = 2GHz, fRF = 2.002GHz, PLO = 0dBm.
BBPI, BBMI, BBPQ, BBMQ inputs 0.525VDC, Baseband Input Frequency = 2MHz, I&Q 90° shifted (upper sideband selection).
PRF, OUT = –10dBm, unless otherwise noted. (Note 3)
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Specifications over the – 40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: Tests are performed as shown in the configuration of Figure 7.
Note 4: On each of the four baseband inputs BBPI, BBMI, BBPQ and
BBMQ.
Note 5: V(BBPI) – V(BBMI) = 1VDC, V(BBPQ) – V(BBMQ) = 1VDC.
Note 6: Maximum value within – 1dB bandwidth.
Note 7: An external coupling capacitor is used in the RF output line.
Note 8: At 20MHz offset from the LO signal frequency.
Note 9: At 20MHz offset from the CW signal frequency.
Note 10: At 5MHz offset from the CW signal frequency.
Note 11: RF power is within 10% of final value.
Note 12: RF power is at least 30dB lower than in the ON state.
Note 13: Baseband is driven by 2MHz and 2.1MHz tones. Drive level is set
in such a way that the two resulting RF tones are –10dBm each.
Note 14: IM2 measured at LO frequency + 4.1MHz.
Note 15: IM3 measured at LO frequency + 1.9MHz and LO frequency +
2.2MHz.
Note 16: Amplitude average of the characterization data set without image
or LO feed-through nulling (unadjusted).
Note 17: The difference in conversion gain between the spurious signal at
f = 3 • LO – BB versus the conversion gain at the desired signal at f = LO +
BB for BB = 2MHz and LO = 2GHz.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Baseband Inputs (BBPI, BBMI, BBPQ, BBMQ)
BWBB
Baseband Bandwidth
– 3dB Bandwidth
400
MHz
VCMBB
DC Common Mode Voltage
(Note 4)
0.525
V
RIN, SE
Single-Ended Input Resistance
(Note 4)
45
Ω
PLO2BB
Carrier Feed-Through on BB
POUT = 0 (Note 4)
– 40
dBm
IP1dB
Input 1dB Compression Point
Differential Peak-to-Peak (Note 7)
3.2
VP-P, DIFF
ΔGI/Q
I/Q Absolute Gain Imbalance
0.05
dB
ΔϕI/Q
I/Q Absolute Phase Imbalance
0.5
Deg
Power Supply (VCC)
VCC
Supply Voltage
4.5
5
5.25
V
ICC, ON
Supply Current
EN = High
125
145
mA
ICC, OFF
Supply Current, Sleep Mode
EN = 0V
0.05
50
µA
tON
Turn-On Time
EN = Low to High (Note 11)
0.25
µs
tOFF
Turn-Off Time
EN = High to Low (Note 12)
1.3
µs
Enable (EN), Low = Off, High = On
Enable
Input High Voltage
EN = High
1.0
V
Input High Current
EN = 5V
240
µA
Sleep
Input Low Voltage
EN = Low
0.5
V
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com