Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5557 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5557
Description  400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5557 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5557 Datasheet HTML 8Page - Linear Technology LT5557 Datasheet HTML 9Page - Linear Technology LT5557 Datasheet HTML 10Page - Linear Technology LT5557 Datasheet HTML 11Page - Linear Technology LT5557 Datasheet HTML 12Page - Linear Technology LT5557 Datasheet HTML 13Page - Linear Technology LT5557 Datasheet HTML 14Page - Linear Technology LT5557 Datasheet HTML 15Page - Linear Technology LT5557 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT5557
5557fa
APPLICATIO S I FOR ATIO
These equations give a good starting point, but it is usually
necessary to adjust the component values after building
and testing the circuit. The final solution can be achieved
with less iteration by considering the parasitics of L3 in the
above calculations. Specifically, the effective parallel re-
sistance of L3 (calculated from the manufacturer’s Q data)
will reduce the value of RIF, which in turn influences the
calculated values of L1 (=L2) and C6 (=C7). Also, the
effective parallel capacitance of L3 (taken from the manu-
facturers SRF data) must be considered, since it is in
parallel with XIF (from table 3). Frequently, the calculated
value for L1 does not fall on a standard value for the
desired IF. In this case, a simple solution is to load the IF
output with a high-value external chip resistor in parallel
with L3, which reduces the value of RIF, until L1 is a
standard value.
Discrete IF balun element values for four common IF
frequencies (190MHz, 240MHz, 360MHz and 450MHz)
are listed in Table 4. The 190MHz application circuit uses
a 3.3k
Ω resistor in parallel with L3 as described above.
The corresponding measured IF output return losses are
shown in Figure 10. Typical conversion gain, IIP3 and LO-
IF leakage, versus RF input frequency, for all four ex-
amples is shown in Figure 11. Typical conversion gain,
IIP3 and noise figure versus IF output frequency is shown
in Figure 12.
Compared to the transformer-based IF matching tech-
nique, this network delivers approximately 1dB higher
conversion gain (since the IF transformer loss is elimi-
nated), though noise figure and IIP3 are degraded slightly.
The most significant performance difference, as shown in
Figure 12, is the limited IF bandwidth available from the
discrete approach. For low IF frequencies, the absolute
bandwidth is small, whereas higher IF frequencies offer
wider bandwidth.
Table 5. Discrete IF Balun Element Values (ROUT = 50Ω)
IF FREQUENCY
(MHz)
L1, L2
C6, C7
L3
190
120nH
6.0pF
270nH || 3.3k
Ω
240
100nH
4.7pF
150nH
360
56nH
3.0pF
82nH
450
47nH
2.2pF
47nH
Figure 10. IF Output Return Losses with Discrete Balun Matching
Figure 11. Conversion Gain, IIP3 and LO-IF Leakage
vs RF Input Frequency and IF Output Frequency
(in MHz) Using Discrete IF Balun Matching
Figure 12. Conversion Gain, IIP3 and SSB NF vs IF Output
Frequency Using Discrete IF Balun Matching
IF FREQUENCY (MHz)
50
–30
–20
–10
0
150
250
350
450
5557 F10
550
190 MHz
240 MHz
360 MHz
450 MHz
IF OUTPUT FREQUENCY (MHz)
150
10
22
24
26
250
350
400
5557 F12
6
18
14
8
20
2
4
16
12
200
300
450
500
RF = 1950MHz
LOW-SIDE LO (–3dBm)
TA = 25°C
SSB NF
IIP3
GC
190IF
240IF
360IF
450IF
RF INPUT FREQUENCY (MHz)
1700
8
22
24
26
1900
2100
5557 F11
4
18
14
12
6
20
2
16
10
–60
–10
–30
–40
–20
–70
–50
1800
2000
2200
LOW-SIDE LO (–3dBm)
TA = 25°C
LO-IF
IIP3
GC
190IF
240IF
360IF
450IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com