Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5571 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5571
Description  620MHz - 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 3 Page - Linear Technology

  LT5571 Datasheet HTML 1Page - Linear Technology LT5571 Datasheet HTML 2Page - Linear Technology LT5571 Datasheet HTML 3Page - Linear Technology LT5571 Datasheet HTML 4Page - Linear Technology LT5571 Datasheet HTML 5Page - Linear Technology LT5571 Datasheet HTML 6Page - Linear Technology LT5571 Datasheet HTML 7Page - Linear Technology LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5571
3
5571f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Specifications over the –40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 3: Tests are performed as shown in the configuration of Figure 7.
Note 4: At each of the four baseband inputs BBPI, BBMI, BBPQ and BBMQ.
Note 5: V(BBPI) – V(BBMI) = 1VDC, V(BBPQ) – V(BBMQ) = 1VDC.
Note 6: Maximum value within –1dB bandwidth.
Note 7: An external coupling capacitor is used in the RF output line.
Note 8: At 20MHz offset from the LO signal frequency.
LO Input (LO)
fLO
LO Frequency Range
0.5 to 1.2
GHz
PLO
LO Input Power
–10
0
5
dBm
S11, ON
LO Input Return Loss
EN = High (Note 6)
–10.9
dB
S11, OFF
LO Input Return Loss
EN = Low (Note 6)
–2.6
dB
NFLO
LO Input Referred Noise Figure
at 900MHz (Note 5)
14.3
dB
GLO
LO to RF Small Signal Gain
at 900MHz (Note 5)
18.5
dB
IIP3LO
LO Input 3rd Order Intercept
at 900MHz (Note 5)
–4.8
dBm
Baseband Inputs (BBPI, BBMI, BBPQ, BBMQ)
BWBB
Baseband Bandwidth
–3dB Bandwidth
400
MHz
VCMBB
DC Common-Mode Voltage
Externally Applied (Note 4)
0.5
0.6
V
RIN
Differential Input Resistance
90
kΩ
IDC, IN
Baseband Static Input Current
(Note 4)
–24
µA
PLO-BB
Carrier Feedthrough on BB
No Baseband Signal (Note 4)
–42
dBm
IP1dB
Input 1dB Compression Point
Differential Peak-to-Peak (Note 7)
2.9
VP-P,DIFF
ΔGI/Q
I/Q Absolute Gain Imbalance
0.013
dB
ΔϕI/Q
I/Q Absolute Phase Imbalance
0.24
Deg
Power Supply (VCC)
VCC
Supply Voltage
4.5
5
5.25
V
ICC(ON)
Supply Current
EN = High
97
120
mA
ICC(OFF)
Supply Current, Shutdown Mode
EN = 0V
100
µA
tON
Turn-On Time
EN = Low to High (Note 11)
0.4
µs
tOFF
Turn-Off Time
EN = High to Low (Note 12)
1.4
µs
Enable (EN), Low = Off, High = On
Enable
Input High Voltage
Input High Current
EN = High
EN = 5V
1
230
V
µA
Shutdown
Input Low Voltage
EN = Low
0.5
V
ELECTRICAL CHARACTERISTICS V
CC = 5V, EN = High, TA = 25°C, fLO = 900MHz, fRF = 902MHz,
PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 0.5VDC, Baseband Input Frequency = 2MHz, I & Q 90° shifted (upper
sideband selection). PRF(OUT) = –10dBm, unless otherwise noted. (Note 3)
Note 9: At 20MHz offset from the CW signal frequency.
Note 10: At 5MHz offset from the CW signal frequency.
Note 11: RF power is within 10% of final value.
Note 12: RF power is at least 30dB lower than in the ON state.
Note 13: Baseband is driven by 2MHz and 2.1MHz tones. Drive level is set
in such a way that the two resulting RF tones are –10dBm each.
Note 14: IM2 measured at LO frequency + 4.1MHz
Note 15: IM3 measured at LO frequency + 1.9MHz and LO frequency +
2.2MHz.
Note 16: Amplitude average of the characterization data set without image
or LO feed-through nulling (unadjusted).
Note 17: The difference in conversion gain between the spurious signal at
f = 3 • LO – BB versus the conversion gain at the desired signal at f = LO +
BB for BB = 2MHz and LO = 900MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com