Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5571EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LT5571EUF
Description  620MHz - 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571EUF Datasheet(HTML) 5 Page - Linear Technology

  LT5571EUF Datasheet HTML 1Page - Linear Technology LT5571EUF Datasheet HTML 2Page - Linear Technology LT5571EUF Datasheet HTML 3Page - Linear Technology LT5571EUF Datasheet HTML 4Page - Linear Technology LT5571EUF Datasheet HTML 5Page - Linear Technology LT5571EUF Datasheet HTML 6Page - Linear Technology LT5571EUF Datasheet HTML 7Page - Linear Technology LT5571EUF Datasheet HTML 8Page - Linear Technology LT5571EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT5571
5
5571f
RF FREQUENCY (MHz)
550
1150 1250
5571 G10
650
750
850
1050
950
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
–162
–160
–157
–161
–158
–159
fLO = 900MHz (FIXED)
NO BASEBAND SIGNAL
LO FREQUENCY (MHz)
550
–35
–30
1150 1250
5571 G11
–40
–45
650
750
850
1050
950
–50
–55
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
FREQUENCY (MHz)
–40
–30
0
5571 G12
–10
–20
550
1150 1250
650
750
850
1050
950
LO PORT, EN = LOW
RF PORT,
EN = HIGH,
NO LO
RF PORT,
EN = LOW
LO PORT, EN = HIGH, PLO = 0dBm
LO PORT,
EN = HIGH,
PLO = –10dBm
RF PORT,
EN = HIGH,
PLO = 0dBm
LO FREQUENCY (MHz)
550
0.3
0.2
1150 1250
5571 G13
0.1
650
750
850
1050
950
0
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO FREQUENCY (MHz)
550
3
1150 1250
5571 G14
2
1
650
750
850
1050
950
0
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
–2
48
5571 G15
–6
–8
–10
–12
–14
–4
–16
–18
–16
–12
–8
0
–4
–20
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
24
48
5571 G16
20
18
16
14
12
22
10
–16
–12
–8
0
–4
fBB, 1 = 2MHz
fBB, 2 = 2.1MHz
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
LO INPUT POWER (dBm)
–20
–35
48
5571 G18
–40
–45
–50
–60
–55
–16
–12
–8
0
–4
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C
TYPICAL PERFORMANCE CHARACTERISTICS
Noise Floor vs RF Frequency
Image Rejection vs LO Frequency
LO and RF Port Return Loss vs
Frequency
Absolute I/Q Gain Imbalance vs
LO Frequency
Absolute I/Q Phase Imbalance vs
LO Frequency
Voltage Gain vs LO Power
Output IP3 vs LO Power
LO Feedthrough vs LO Power
Image Rejection vs LO Power
VCC = 5V, EN = High, TA = 25°C, fLO = 900MHz,
fRF = 902MHz, PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 0.5VDC, Baseband Input Frequency fBB = 2MHz, I & Q 90°
shifted, without image or LO feedthrough nulling. fRF = fBB + fLO (upper sideband selection). PRF(OUT) = –10dBm (–10dBm/tone for 2-
tone measurements), unless otherwise noted. (Note 3)
LO INPUT POWER (dBm)
–20
–38
–40
–42
48
5571 G17
–46
–48
–50
–44
–16
–12
–8
0
–4
5V, –40
°C
5V, 25
°C
5V, 85
°C
4.5V, 25
°C
5.5V, 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com