Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6553IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT6553IGN
Description  650MHz Gain of 2 Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6553IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6553IGN Datasheet HTML 4Page - Linear Technology LT6553IGN Datasheet HTML 5Page - Linear Technology LT6553IGN Datasheet HTML 6Page - Linear Technology LT6553IGN Datasheet HTML 7Page - Linear Technology LT6553IGN Datasheet HTML 8Page - Linear Technology LT6553IGN Datasheet HTML 9Page - Linear Technology LT6553IGN Datasheet HTML 10Page - Linear Technology LT6553IGN Datasheet HTML 11Page - Linear Technology LT6553IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT6553
8
6553f
Power Supplies
The LT6553 is optimized for
±5V supplies but can be
operated on as little as
±2.25V or a single 4.5V supply and
as much as
±6V or a single 12V supply. Internally, each
supply is independent to improve channel isolation. Do
not leave any supply pins disconnected or the part may
not function correctly!
Enable/Shutdown
The LT6553 has a TTL compatible shutdown mode con-
trolled by the EN pin and referenced to the DGND pin. If the
amplifier will be enabled at all times, the EN pin can be
connected directly to DGND. If the enable function is
desired, either driving the pin above 2V or allowing the
internal 46k pull-up resistor to pull the EN pin to the top rail
will disable the amplifier. When disabled, the DC output
impedance will rise to approximately 700
Ω through the
internal feedback and gain resistors. Supply current into
the amplifier in the disabled state will be primarily through
V+ and approximately equal to (V+ – VEN)/46k.
It is important that the two following constraints on the
DGND pin and the EN pin are always followed:
V+ – VDGND ≥ 3V
VEN – VDGND ≤ 5.5V
Split supplies of
±3V to ±5.5V will satisfy these require-
ments with DGND connected to 0V.
In single supply applications above 5.5V, an additional
resistor may be needed from the EN pin to DGND if the pin
is ever allowed to float. For example, on a 12V single
supply, a 33k resistor would protect the pin from floating
too high while still allowing the internal pull-up resistor to
disable the part.
On dual
±2.25V supplies, connecting the EN and DGND
pins to Vis the easiest way of ensuring that V+ – VDGND
is more than 3V.
The DGND pin should not be pulled above the EN pin since
doing so will turn on an ESD protection diode. If the EN pin
voltage is forced a diode drop below the DGND pin, current
should be limited to 10mA or less.
The enable/disable times of the LT6553 are fast when
driven with a logic input. Turn on (from 50% EN input to
50% output) typically occurs in less than 50ns. Turn off is
slower, but is nonetheless below 300ns.
Input Considerations
The LT6553 input voltage range is from V+ 1V to V+ – 1V.
Therefore, on split supplies the LT6553 input range is
always larger than the output swing. On a single positive
supply, however, the input range limits the output low
swing to 2V (1V multiplied by the internal gain of 2).
The inputs can be driven beyond the point at which the
output clips so long as input currents are limited to below
±10mA. Continuing to drive the input beyond the output
limit can result in increased current drive and slightly
increased swing, but will also increase supply current and
may result in delays in transient response at larger levels
of overdrive.
Layout and Grounding
It is imperative that care is taken in PCB layout in order to
utilize the very high speed and very low crosstalk of the
LT6553. Separate power and ground planes are highly
recommended and trace lengths should be kept as short
as possible. If input or output traces must be run over a
distance of several centimeters, they should use a con-
trolled impedance with matching series and shunt resis-
tances (nominally 75
Ω) to maintain signal fidelity.
Series termination resistors should be placed as close to
the output pins as possible to minimize output capaci-
tance. See the Typical Performance Characteristics sec-
tion for a plot of frequency response with various output
capacitors—only 10pF of parasitic output capacitance
causes 6dB of peaking in the frequency response!
Low ESL/ESR bypass capacitors should be placed as close
to the positive and negative supply pins as possible. One
4700pF ceramic capacitor is recommended for both V+
and V. Additional 470pF ceramic capacitors with minimal
trace length on each supply pin will further improve AC and
transient response as well as channel isolation. For high
current drive and large-signal transient applications, addi-
tional 1
µF to 10µF tantalums should be added on each
supply. The smallest value capacitors should be placed
closest to the package.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com