Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6554IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LT6554IGN
Description  650MHz Gain of 1 Triple Video Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6554IGN Datasheet HTML 3Page - Linear Technology LT6554IGN Datasheet HTML 4Page - Linear Technology LT6554IGN Datasheet HTML 5Page - Linear Technology LT6554IGN Datasheet HTML 6Page - Linear Technology LT6554IGN Datasheet HTML 7Page - Linear Technology LT6554IGN Datasheet HTML 8Page - Linear Technology LT6554IGN Datasheet HTML 9Page - Linear Technology LT6554IGN Datasheet HTML 10Page - Linear Technology LT6554IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT6554
7
6554fa
EN (Pin 1): Enable Control Pin. An internal pull-up resistor
of 46k defines the pin’s impedance and will turn the part off
if the pin is unconnected. When the pin is pulled low, the
part is enabled.
DGND (Pin 2): Digital Ground Reference for Enable Pin.
This pin is normally connected to ground.
INR (Pin 3): Red Channel Input. This pin has a nominal
impedance of 400kΩ and does not have any internal
termination resistor.
AGND (Pin 4): Analog Ground for Isolation Between Red
and Green Channel Inputs. The AGND pins have ESD
protection and therefore should not be connected to
potentials outside the power supply range.
ING (Pin 5): Green Channel Input. This pin has a nominal
impedance of 400kΩ and does not have any internal
termination resistor.
AGND (Pin 6): Analog Ground for Isolation Between Green
and Blue Channel Inputs. The AGND pins have ESD protec-
tion and therefore should not be connected to potentials
outside the power supply range.
INB (Pin 7): Blue Channel Input. This pin has a nominal
impedance of 400kΩ and does not have any internal
termination resistor.
V(Pin 8): Negative Supply Voltage. Vpins are not
internally connected to each other, and must all be con-
nected externally. Proper supply bypassing is necessary
for best performance. See the Applications Information
section.
V(Pin 9): Negative Supply Voltage for Blue Channel
Output Stage. Vpins are not internally connected to each
other, and must all be connected externally. Proper supply
bypassing is necessary for best performance. See the
Applications Information section.
OUTB (Pin 10): Blue Channel Output. It is the buffered
output of the blue channel input.
V+ (Pin 11): Positive Supply Voltage for Blue and Green
Channel Output Stages. V+ pins are not internally con-
nected to each other, and must all be connected externally.
Proper supply bypassing is necessary for best perfor-
mance. See the Applications Information section.
OUTG (Pin 12): Green Channel Output. It is the buffered
output of the green channel input.
V(Pin 13): Negative Supply Voltage for Green and Red
Channel Output Stages. V pins are not internally con-
nected to each other, and must all be connected externally.
Proper supply bypassing is necessary for best perfor-
mance. See the Applications Information section.
OUTR (Pin 14): Red Channel Output. It is the buffered
output of the red channel input.
V+ (Pin 15): Positive Supply Voltage for Red Channel
Output Stage. V+ pins are not internally connected to each
other, and must all be connected externally. Proper supply
bypassing is necessary for best performance. See the
Applications Information section.
V+ (Pin 16): Positive Supply Voltage. V+ pins are not
internally connected to each other, and must all be con-
nected externally. Proper supply bypassing is necessary
for best performance. See the Applications Information
section.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com