Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1040CSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1040CSW
Description  Dual Micropower Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040CSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1040CSW Datasheet HTML 4Page - Linear Technology LTC1040CSW Datasheet HTML 5Page - Linear Technology LTC1040CSW Datasheet HTML 6Page - Linear Technology LTC1040CSW Datasheet HTML 7Page - Linear Technology LTC1040CSW Datasheet HTML 8Page - Linear Technology LTC1040CSW Datasheet HTML 9Page - Linear Technology LTC1040CSW Datasheet HTML 10Page - Linear Technology LTC1040CSW Datasheet HTML 11Page - Linear Technology LTC1040CSW Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1040
1040fa
TYPICAL APPLICATIO S
Figure 10. The LTC1040 as a Linear Amplifier
VIN
VOUT
LTC1040 • TA07
V+
–
–
+
+
1/2 LTC1040
C
R
V+
0V
tON
LTC1040 • TA08
tOFF
VOUT = V+
tON
tON + tOFF
The LTC1040 as a Linear Amplifier
With a simple RC filter, the LTC1040 can be made to
function as a linear amplifier. By filtering the logic output
and feeding it back to the negative input, the loop forces
the output duty cycle [tON/(tON + tOFF)] so that VOUT equals
VIN (Figure 10).
The RC time constant is set to keep the ripple on the output
small. The maximum output ripple is:
∆V = V+/fSRC and
should be set to 0.5mV to 1mV for best results. Notice that
the higher the sampling frequency, fS, the lower RC can be.
This is important because the RC filter also sets the loop
response. A convenient way to keep fS as high as possible
under all conditions is to connect a 100k resistor to pin 16
(OSC) with no capacitance to ground.
2-Wire 0
°C to 100°C Temperature Transducer with 4mA to 20mA Output
LTC1040 • TA09
6
5
7
8
10
9
18
4 1M
16
††
+
+
–
–
1/2
LTC1040
†
6
4
1k
ZERO
ADJUST
100k
3200
18k
LT1019-5
6250
YELLOW SPRINGS INSTRUMENT
PART NO. 44201
1
µF
10
µF
FULL-SCALE
ADJUST
ACCURACY =
+
=
±0.3°C
±0.1°C
CIRCUIT ERROR
AT 25
°C
±0.2°C
TRANSDUCER
ERROR
5k
182
Ω
50
Ω
2N6657
1N914
LM134
430
Ω
43
R
12V TO 40V
0
°C = 4mA
100
°C = 20mA
V+
V–
RETURN
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com