Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1052CSW Datasheet(PDF) 19 Page - Linear Technology

Part # LTC1052CSW
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052CSW Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC1052CSW Datasheet HTML 15Page - Linear Technology LTC1052CSW Datasheet HTML 16Page - Linear Technology LTC1052CSW Datasheet HTML 17Page - Linear Technology LTC1052CSW Datasheet HTML 18Page - Linear Technology LTC1052CSW Datasheet HTML 19Page - Linear Technology LTC1052CSW Datasheet HTML 20Page - Linear Technology LTC1052CSW Datasheet HTML 21Page - Linear Technology LTC1052CSW Datasheet HTML 22Page - Linear Technology LTC1052CSW Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC1052/LTC7652
19
1052fa
TYPICAL APPLICATIO S
Precision Isolation Amplifier
LTC1052/7652 • TA19
1
5
1k*
100k*
10
2
7
1
55
14
14
0.1µF
0.1µF
13
14
11
74C90
74C90
10k
5
OUTPUT SIDE
INPUT SIDE
1
1
22M
4
4
2
L2
STANCOR PCT-39
10k
10k
10k
10k*
2N5434
IN4148
2N5434
2N5434
2N5434
– 15V
– 15V
– 15V
15V
15V
25mA
– 15V
25mA
15V
15V
15V
2
7
8
30pF
10M
(SELECT)
3
15V
1k
2
1
1k
13.3k*
1k GAIN TRIM
OUT
1000pF
1000pF
1N4148
1N4148
1.8k
68pF
68pF
20k
20k
7
4.3k
11k
DALE TC–10–11
L1
8
3
9
1.8k
POWER
DRIVER
2N2222
2N2222
74C04
74C04
74C04
330Ω
100pF
3
6
6
100k
ZERO TRIM
20k
10
10
12
12
2k
NC
NC
2N3904
250V ISOLATION
0.03% ACCURACY
*1% FILM RESISTOR
FLOATING
SUPPLY
OUTPUTS
2.2µF
2.2µF
FLOATING COMMON
1N4148
2k
÷10
÷10
11
11
100k
INPUT
4
1
–
+
LTC1052
+
–
LTC1052
14–PIN
2N3904
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com