Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDT60BF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDT60BF
Description  isc Silicon PNP Darlington Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDT60BF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDT60BF Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDT60BF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistors
BDT60F/AF/BF/CF
DESCRIPTION
·DC Current Gain -hFE = 750(Min)@ IC= -1.5A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -60V(Min)- BDT60F; -80V(Min)- BDT60AF
-100V(Min)- BDT60BF; -120V(Min)- BDT60CF
·Complement to Type BDT61F/61AF/61BF/61CF
APPLICATIONS
·Designed for use in audio amplifier output stages , general
purpose amplifier and high speed switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDT60F
-60
BDT60AF
-80
BDT60BF
-100
VCBO
Collector-Base
Voltage
BDT60CF
-120
V
BDT60F
-60
BDT60AF
-80
BDT60BF
-100
VCEO
Collector-Emitter
Voltage
BDT60CF
-120
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-4
A
ICM
Collector Current-Pulse
-6
A
IB
B
Base Current
-0.1
A
PC
Collector Power Dissipation
TC=25℃
25
W
Tj
Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
5
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDT60BF

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BDT60BF NJSEMI-BDT60BF Datasheet
131Kb / 2P
Silicon PNP Darlington Power Transistors
More results

Similar Description - BDT60BF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6667 ONSEMI-2N6667 Datasheet
168Kb / 6P
DARLINGTON POWER TRANSISTORS(PNP SILICON )
April, 2002 ??Rev. 4
logo
NEC
2SB795 NEC-2SB795 Datasheet
149Kb / 3P
PNP SILICON DARLINGTON POWER TRANSISTORS
logo
Micro Commercial Compon...
TIP125 MCC-TIP125_11 Datasheet
224Kb / 2P
Silicon PNP Darlington Power Transistors
logo
Inchange Semiconductor ...
2SB1559 ISC-2SB1559 Datasheet
161Kb / 4P
Silicon PNP Darlington Power Transistors
2SB1625 ISC-2SB1625 Datasheet
142Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1626 ISC-2SB1626 Datasheet
133Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1647 ISC-2SB1647 Datasheet
139Kb / 3P
Silicon PNP Darlington Power Transistors
BDT62 ISC-BDT62 Datasheet
265Kb / 2P
isc Silicon PNP Darlington Power Transistors
logo
Savantic, Inc.
2SB1588 SAVANTIC-2SB1588 Datasheet
144Kb / 3P
Silicon PNP Darlington Power Transistors
2SB1625 SAVANTIC-2SB1625 Datasheet
143Kb / 3P
Silicon PNP Darlington Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com