Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1906 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC1906
Description  isc Silicon NPN RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC1906 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC1906 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC1906 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC1906 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC1906 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc Silicon NPN RF Transistor
2SC1906
DESCRIPTION
·Low Noise
·High Gain Bandwidth Product
APPLICATIONS
·Designed for use in VHF amplifier,mixer and local oscillator.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
19
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
50
mA
IE
Emitter Current-Continuous
-50
mA
PC
Collector Power Dissipation
@TC=25℃
0.3
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150
isc Website:www.iscsemi.cn


Similar Part No. - 2SC1906

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1906 RENESAS-2SC1906 Datasheet
168Kb / 7P
Silicon NPN Epitaxial Planar
logo
SeCoS Halbleitertechnol...
2SC1906 SECOS-2SC1906 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
logo
List of Unclassifed Man...
2SC1906 ETC1-2SC1906 Datasheet
192Kb / 3P
TRANSISTOR
logo
Renesas Technology Corp
2SC1906TZ-E RENESAS-2SC1906TZ-E Datasheet
168Kb / 7P
Silicon NPN Epitaxial Planar
More results

Similar Description - 2SC1906

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com