Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP550 Datasheet(PDF) 3 Page - Actel Corporation

Part # EP550
Description  EP550 SDIO/SD Memory/MMC Host Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP550 Datasheet(HTML) 3 Page - Actel Corporation

  EP550 Datasheet HTML 1Page - Actel Corporation EP550 Datasheet HTML 2Page - Actel Corporation EP550 Datasheet HTML 3Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copyright © by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 3
Eureka Technology
Optional Features
The EP550 standard core features a simple generic user interface which can be
connected easily into any design. In addition, Eureka also offer the EP550 with
AHB, APB, SH4, Wishbone and PCI bus interface. For certain interfaces, the bus
interface may operate at a different clock domain from the SD host controller. The
core is also available with and without DMA.
ACTEL DEVICE UTILIZATION DATA
Family
Device
Utilization
Performance
(-speed grade)
SEQ
COMB
Total
RAM
ProASIC3
A3P1000-2
900
3392
17%
2
53Mhz
Axcelerator
AX1000-2
894
2090
16%
2
59Mhz
IGLOO
AGL600V5
996
3633
33%
2
34Mhz
Fusion
AFS1500
900
3429
11%
2
56Mhz
EP550 SD/SDIO/MMC
Host Controller



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com