Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP100 Datasheet(PDF) 2 Page - Actel Corporation

Part # EP100
Description  EP100 PowerPC Bus Slave
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP100 Datasheet(HTML) 2 Page - Actel Corporation

  EP100 Datasheet HTML 1Page - Actel Corporation EP100 Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2003 by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 2
Eureka Technology
The EP100 PowerPC bus slave device is a bus interface unit designed for the
PowerPC host bus. It is designed to work on any 60x compliant bus architecture.
It has two user interfaces, one for interfacing with on-chip and off-chip user logic
and register and the second interface is a direct interface to external asynchronous
SRAM and synchronous BURST SRAM.
The PowerPC slave works together with other devices or system controllers on the
PowerPC bus. The slave can be assigned to a specific address space where it is
mapped into. Access to the slave device is further directed to either the SRAM
interface or the user interface bus based on address mapping. The address map-
ping controller can be hardwired to the core or can be supplied by the user during
run-time. The slave supports both the regular data transfer size and also the
extended data transfer size specific to MPC8260.
The slave handles address pipeline on the PowerPC bus with up to 2 outstanding
requests. While the slave is processing data transfer of one request, the CPU can
start the address tenure of a second request. Address retry and separate address
and data bus tenure are also supported by the slave. The slave detects data bus
grant and data bus busy before starting its data tenure.
The following table summarizes the optional features which can be provided with
the core as required by user application.
Options
Description
SRAM speed
Different SRAM access speed can be pro-
grammed as wait states.
Pipeline or flow-through
burst SRAM
Support both types of burst SRAM.
Bus sharing
Sharing the CPU bus with MPC106/107
Data parity
Supports PowerPC data parity
Multiple address mapping
Address space mapping to support multiple
user logic devices.
Family
Device
Utilization
Performance
(-speed grade)
SEQ
COMB
Total
RAM
ProASICPlus
APA150-STD
584
1566
35%
50Mhz
Axcelerator
AX500-3
620
534
15%
99Mhz
RTSX-S
RT54SX32S-2
618
548
41%
47Mhz
OPTIONAL
FEATURES
EP100 PowerPC Bus Slave
Actel Device
Utilization
Data
DESCRIPTIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com