Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000-1CGG896 Datasheet(PDF) 85 Page - Actel Corporation

Part # AX2000-1CGG896
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CGG896 Datasheet(HTML) 85 Page - Actel Corporation

Back Button AX2000-1CGG896 Datasheet HTML 81Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 82Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 83Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 84Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 85Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 86Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 87Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 88Page - Actel Corporation AX2000-1CGG896 Datasheet HTML 89Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-71
Clock Skew Minimization
Figure 2-56 indicates how feedback from the clock network can be used to create minimal skew between the distributed
clock network and the input clock. The input clock is fed to the reference clock input of the PLL. The output clock (CLK2)
feeds a routed clock network. The feedback input to the PLL uses a clock input delayed by a routing network. The PLL then
adjusts the phase of the input clock to match the delayed clock, thus providing nearly zero effective skew between the two
clocks. Refer to Actel’s Axcelerator Family PLL and Clock Management application note for more information.
Figure 2-56 • Using the PLL for Clock Deskewing
QCLR
Delay Line
PLL
RefCLK
FB
6
/j
6
CLK1
PowerDown
Input Clock
Clock Network
Lock
CLK2
FBMuxSel
5
DividerI
DelayLine
DividerJ
LowFreq
3
Osc
÷1
133 MHz
133 MHz
D
Q
SET
133 MHz
Delay Line
/i
/i Delay
Match
/i Delay
Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com