Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000-1CSG896PP Datasheet(PDF) 95 Page - Actel Corporation

Part # AX2000-1CSG896PP
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896PP Datasheet(HTML) 95 Page - Actel Corporation

Back Button AX2000-1CSG896PP Datasheet HTML 91Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 92Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 93Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 94Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 95Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 96Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 97Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 98Page - Actel Corporation AX2000-1CSG896PP Datasheet HTML 99Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 226 page
background image
Axcelerator Family FPGAs
v2.7
2-81
FIFO Flag Logic
The FIFO is user configurable into various DEPTHs and
WIDTHs. Figure 2-62 shows the FIFO address counter
details.
•
Bits 11 to 5 are active for all modes.
•
As the data word size is reduced, more least-
significant bits are added to the address.
•
As the number of cascaded blocks increases, the
number of significant bits in the address increases.
For example, if four blocks are cascaded as a 1kx16 FIFO
with each block having a 1kx4 aspect ratio, bits 11 to 2 of
the address will be used to specify locations within each
RAM block, whereas bits 13 and 12 will be used to specify
the RAM block.
The AFULL and AEMPTY flag threshold values are
programmable. The threshold values are AFVAL and
AEVAL, respectively. Although the trigger threshold for
each flag is defined with eight bits, the effective number
of threshold bits in the comparison depends on the
configuration. The effective number of threshold bits
corresponds to the range of active bits in the FIFO
address space (Table 2-93).
Note:
Inactive counter bits are set to zero.
Figure 2-62 • FIFO Address Counters
Table 2-93 • FIFO Flag Logic
Mode
Inactive AEVAL/AFVAL bits
Inactive DIFF bits (set to 0)
DIFF comparison to AFVAL/AEVAL
Non-cascade
[7:4]
[15:12]
DIFF[11:8] withAE/FVAL[3:0]
Cascade 2 blocks
[7:5]
[15:13]
DIFF[12:8] withAE/FVAL[4:0]
Cascade 4 blocks
[7:6]
[15:14]
DIFF[13:8] withAE/FVAL[5:0]
Cascade 8 blocks
[7]
[15]
DIFF[14:8] withAE/FVAL[6:0]
Cascade 16 blocks
None
None
DIFF[15:8] withAE/FVAL[7:0]
CNTR [12]
activate
FIFO Address Counters
>> REN [4:0], RAD [11:0]
>> WEN [4:0], WAD [11:0]
[12:W] [13:W]
[14:W]
[15:W]
128x36
1kx4
512x9
256x18
[11:5]
[11:4]
[11:3]
[11:2]
[11:1]
[11:0]
4kx1
2kx2
Variable Active Address Space
CNTR [15]
activate
CNTR [2]
activate
CNTR [3]
activate
CNTR [4]
activate
CNTR [11:5]
always active
CNTR [13]
activate
CNTR [14]
activate
CNTR [0]
activate
CNTR [1]
activate
Cas 16 blks
by 1
by 2
by 4
by 9
by 18
by 36
Cas 2 blks
Cas 4 blks
Cas 8 blks
Mode when
Active
Counter
Bits
R/W EN[3]
R/W ADD[0]
R/W ADD[1]
R/W ADD[2]
R/W ADD[3]
R/W ADD[7:5]
R/W ADD[11:8]
R/W EN[0]
R/W EN[1]
R/W EN[2]
R/W ADD[4]
FIFO Address
AEVAL/AFVAL[7]
not compared
not compared
not compared
not compared
not compared
not compared
AEVAL/AFVAL[3:0]
AEVAL/AFVAL[4]
AEVAL/AFVAL[5]
AEVAL/AFVAL[6]
CNTR [15:0]
Alignment of
Threshold bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com