Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYT41M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYT41M
Description  Fast Soft Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYT41M Datasheet(HTML) 2 Page - Vishay Siliconix

  BYT41M Datasheet HTML 1Page - Vishay Siliconix BYT41M Datasheet HTML 2Page - Vishay Siliconix BYT41M Datasheet HTML 3Page - Vishay Siliconix BYT41M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYT41
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
2 (4)
Document Number 86024
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF = 1 A
VF
1.1
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=150°C
IR
150
mA
Reverse breakdown
IR=100mA
BYT41A
V(BR)R
50
V
voltage
R
m
BYT41B
V(BR)R
100
V
BYT41D
V(BR)R
200
V
BYT41G
V(BR)R
400
V
BYT41J
V(BR)R
600
V
BYT41K
V(BR)R
800
V
BYT41M
V(BR)R
1000
V
Reverse recovery time
IF=0.5A, IR=1A, iR=0.25A
trr
2
ms
Characteristics (Tj = 25_C unless otherwise specified)
0
0
20
40
60
80
120
l – Lead Length ( mm )
96 12151
510
15
25
30
20
100
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12135
VR =VRRM
f
v1kHz
RthJAv110K/W
PC Board
BYT41A
BYT41M
Figure 2. Max. Average Forward Current vs. Ambient
Temperature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com