Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000-1CSG896M Datasheet(PDF) 219 Page - Actel Corporation

Part # AX2000-1CSG896M
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M Datasheet(HTML) 219 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 215Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 216Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 217Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 218Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 219Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 220Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 221Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 222Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 223Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 226 page
background image
Axcelerator Family FPGAs
v2.7
3-113
GND
A8
GND
AA10
GND
AA16
GND
AA18
GND
AA21
GND
AA5
GND
AB22
GND
AB4
GND
AC10
GND
AC16
GND
AC23
GND
AC3
GND
AD1
GND
AD2
GND
AD24
GND
AD25
GND
AE1
GND
AE18
GND
AE2
GND
AE24
GND
AE25
GND
AE8
GND
B1
GND
B2
GND
B24
GND
B25
GND
C10
GND
C16
GND
C23
GND
C3
GND
D22
GND
D4
GND
E10
GND
E16
GND
E21
GND
E5
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
GND
E8
GND
H1
GND
H21
GND
H25
GND
K21
GND
K23
GND
K3
GND
L11
GND
L12
GND
L13
GND
L14
GND
L15
GND
M11
GND
M12
GND
M13
GND
M14
GND
M15
GND
N11
GND
N12
GND
N13
GND
N14
GND
N15
GND
P11
GND
P12
GND
P13
GND
P14
GND
P15
GND
R11
GND
R12
GND
R13
GND
R14
GND
R15
GND
T21
GND
T23
GND
T3
GND
T5
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.
GND
V1
GND
V25
GND
V5
PRA
F13
PRB
A13
PRC
AB12
PRD
AE13
TCK
F5
TDI
C5
TDO
F6
TMS
D6
TRST
E6
VCCA
AB20
VCCA
F22
VCCA
F4
VCCA
J17
VCCA
J9
VCCA
K10
VCCA
K11
VCCA
K15
VCCA
K16
VCCA
L10
VCCA
L16
VCCA
R10
VCCA
R16
VCCA
T10
VCCA
T11
VCCA
T15
VCCA
T16
VCCA
U17
VCCA
U9
VCCA
Y4
VCCDA
A12
VCCDA
A14
VCCDA
AA13
VCCDA
AA15
624-Pin CCGA
AX2000 Function
Pin Number
* Not routed on the same package layer
and to adjacent LGA pads as its differential
pair complement. Recommended to be
used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com