Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AX2000-1CSG896M Datasheet(PDF) 222 Page - Actel Corporation

Part # AX2000-1CSG896M
Description  Axcelerator Family FPGAs
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AX2000-1CSG896M Datasheet(HTML) 222 Page - Actel Corporation

Back Button AX2000-1CSG896M Datasheet HTML 218Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 219Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 220Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 221Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 222Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 223Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 224Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 225Page - Actel Corporation AX2000-1CSG896M Datasheet HTML 226Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 222 / 226 page
background image
Axcelerator Family FPGAs
4- 2
v2.7
v2.1 (continued)
The following timing parameters were renamed in I/O timing characteristic tables from
Table 2-21 to Table 2-59:
tIOCLKQ > tICLKQ
tIOCLKY > tOCLKQ
2-22 to 2-41
Timing numbers were updated from Table 2-21 to Table 2-77.
2-22 to 2-58
The "R-Cell" section was updated.
2-47
Figure 2-59 was updated.
2-74
Figure 2-60 was updated.
2-75
Figure 2-67 was updated.
2-85
Figure 2-68 was updated.
2-86
Table 2-88 to Table 2-92 were updated.
2-75 to 2-79
Table 2-97 to Table 2-101 were updated.
2-86 to 2-88
The "TRST" section was updated.
2-89
The "Global Set Fuse" section was added.
2-90
A footnote was added to "896-Pin FBGA" for the AX2000 regarding pins AB1, AE2, G1, and
K2.
3-49
Pinouts for the AX250, AX500 and AX1000 were added for "352-Pin CQFP".
3-88
Pinout for the AX1000 was added for "624-Pin CCGA".
3-102
v2.0
Table 2-78 was updated.
2-58
The "Low Power Mode" section was updated.
2-89
Advanced v1.6
Table 1-1 has been updated.
i
"Ordering Information" section has been updated.
ii
The "Device Resources" section has been updated.
ii
The "Temperature Grade Offerings" section is new.
iii
The "Speed Grade and Temperature Grade Matrix" section has been updated.
iii
Table 2-9 has been updated.
2-11
Table 2-10 has been updated.
2-11
Table 2-1 has been updated.
2-1
Table 2-2 has been updated.
2-1
Table 2-3 has been updated.
2-2
Table 2-4 has been updated.
2-2
Table 2-5 has been updated.
2-3
The "Power Estimation Example" section has been updated.
2-5
The "Thermal Characteristics" section has been updated.
2-6
The "Package Thermal Characteristics" section has been updated.
2-6
The "Timing Characteristics" section has been updated.
2-7
The "Pin Descriptions" section has been updated.
2-9
Timing numbers have been updated from the "3.3V LVTTL" section to the "Timing
Characteristics" section. Many AC Loads were updated as well.
2-22 to 2-48
Timing characteristics for the "Hardwired Clocks" section were updated.
2-55
Previous Version
Changes in Current Version (v2.7)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com