Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV13 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BYV13
Description  Fast Silicon Mesa Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV13 Datasheet(HTML) 2 Page - Vishay Siliconix

  BYV13 Datasheet HTML 1Page - Vishay Siliconix BYV13 Datasheet HTML 2Page - Vishay Siliconix BYV13 Datasheet HTML 3Page - Vishay Siliconix BYV13 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYV12...BYV16
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (4)
Document Number 86039
Characteristics (Tj = 25_C unless otherwise specified)
0
0
20
40
60
80
120
l – Lead Length ( mm )
94 9101
510
15
25
30
20
100
ll
TL=constant
Figure 1. Typ. Thermal Resistance vs. Lead Length
0
40
80
120
160
0
0.2
0.4
0.6
0.8
1.2
Tamb – Ambient Temperature ( °C )
200
94 9519
1.0
VRRM
f
v20kHz
RthJAv100K/W
PCB
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9518
40
80
120
160
200
VRRM
f
v20kHz
RthJAv45K/W
L=10mm
Figure 3. Max. Average Forward Current vs. Ambient
Temperature
0
200
400
600
800
0
40
80
120
160
240
VR,VRRM – Reverse / Repetitive Peak Reverse
Voltage ( V )
1000
94 9517
200
VRRM
RthJA=100K/W
VR
BYV12
BYV13
BYV14
BYV15
BYV16
Figure 4. Junction Temperature vs. Reverse/Repetitive
Peak Reverse Voltage
0
40
80
120
160
0.1
1
10
100
1000
Tj – Junction Temperature ( °C )
200
94 9521
Scattering Limit
VR =VRRM
Figure 5. Reverse Current vs. Junction Temperature
01
2
3
4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
94 9520
Tj =25°C
Tj = 175°C
Figure 6. Max. Forward Current vs. Forward Voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com