Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW72 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYW72
Description  Fast Avalanche Sinterglass Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYW72 Datasheet(HTML) 3 Page - Vishay Siliconix

  BYW72 Datasheet HTML 1Page - Vishay Siliconix BYW72 Datasheet HTML 2Page - Vishay Siliconix BYW72 Datasheet HTML 3Page - Vishay Siliconix BYW72 Datasheet HTML 4Page - Vishay Siliconix BYW72 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYW72 / 73 / 74 / 75 / 76
Document Number 86050
Rev. 1.6, 13-Apr-05
Vishay Semiconductors
www.vishay.com
3
Package Dimensions in mm (Inches)
Figure 5. Max. Reverse Power Dissipation vs. Junction
Temperature
0
50
100
150
200
250
300
25
50
75
100
125
150
175
Tj – Junction Temperature (°C )
16358
VR =VRRM
PR–Limit
@100 % VR
PR–Limit
@80%VR
Figure 6. Diode Capacitance vs. Reverse Voltage
0
10
20
30
40
50
60
70
80
90
0.1
1.0
10.0
100.0
VR – Reverse Voltage(V)
16359
f=1MHz
Figure 7. Thermal Response
1
10
100
1000
t p - Pulse Length ( s )
94 9562
IFRM - Repetitive Peak
Forward Current ( A )
10-4
10-3
10-2
10-1
100
101
102
102
100
101
t p/T= 0.05
VRRM = 600 V
RthJA =70K/W
tp/T= 0.5
tp/T= 0.2
tp/T= 0.1
0.02
tp/T= 0.01
Tamb =25°C
45
°C
70
°C
100
°C
CathodeIdentification
4.3 (0.168) max.
1.35 (0.053) max.
4.0 (0.156) max.
Sintered Glass Case
SOD-64
94 9587
26(1.014) min.
26 (1.014) min.
ISO Method E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com