Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSU88 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # HSU88
Description  Silicon Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

HSU88 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  HSU88 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Silicon Schottky Barrier Diode
HSU88
Features
Low capacitance. (C=0.8pF max)
Low forward voltage.
Ultra small Resin Package (URP) is suitablefor high density surface
mounting and high speed assembly.
A b s o lu te M a x im u m R atings T a = 2 5
P a r a m e te r
S y m bol
V a lu e
U nit
R e v e r s e V olta ge
V R
10
V
A v er age r e c tifie d c ur r ent
IO
15
m A
J u nc tion te m per atur e
T j
125
S tor age tem per atur e
T stg
- 5 5to+ 1 2 5
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
IF = 1 mA
350
420
IF = 10 mA
500
580
VR =2V
0.2
VR =10V
10
Capacitance
C
VR =0 V,f= 1 MHz
0.8
pF
C = 200pF , Both forward and
reverse direction 1 pulse.
Note
1. Failure criterion ; IR
400 nA at VR =2 V
V
mV
A
ESD-Capability (Note 1)
30
Forward voltage
VF
Reverse current
IR
Marking
Marking
9


Similar Part No. - HSU88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Renesas Technology Corp
HSU88 RENESAS-HSU88 Datasheet
61Kb / 5P
Silicon Schottky Barrier Diode for Detector and Mixer
More results

Similar Description - HSU88

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB226YP HITACHI-HSB226YP Datasheet
23Kb / 5P
Silicon Schottky Barrier Diode
E208931_HSC278 HITACHI-E208931_HSC278 Datasheet
71Kb / 7P
Silicon Schottky Barrier Diode
logo
Guangdong Kexin Industr...
HRW0503A KEXIN-HRW0503A Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM88WA KEXIN-HSM88WA Datasheet
34Kb / 1P
Silicon Schottky Barrier Diode
HSM276S KEXIN-HSM276S Datasheet
36Kb / 1P
Silicon Schottky Barrier Diode
logo
Sanken electric
FMB-24 SANKEN-FMB-24_11 Datasheet
196Kb / 5P
Silicon Schottky Barrier Diode
FMW-2204 SANKEN-FMW-2204 Datasheet
251Kb / 5P
Silicon Schottky Barrier Diode
FMW-4306 SANKEN-FMW-4306 Datasheet
181Kb / 5P
Silicon Schottky Barrier Diode
FMW-24L SANKEN-FMW-24L Datasheet
228Kb / 5P
Silicon Schottky Barrier Diode
RK36 SANKEN-RK36 Datasheet
142Kb / 5P
Silicon Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com