Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1098ACN8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1098ACN8
Description  Micropower Sampling 8-Bit Serial I/O A/D Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1098ACN8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1098ACN8 Datasheet HTML 6Page - Linear Technology LTC1098ACN8 Datasheet HTML 7Page - Linear Technology LTC1098ACN8 Datasheet HTML 8Page - Linear Technology LTC1098ACN8 Datasheet HTML 9Page - Linear Technology LTC1098ACN8 Datasheet HTML 10Page - Linear Technology LTC1098ACN8 Datasheet HTML 11Page - Linear Technology LTC1098ACN8 Datasheet HTML 12Page - Linear Technology LTC1098ACN8 Datasheet HTML 13Page - Linear Technology LTC1098ACN8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC1096/LTC1096L
LTC1098/LTC1098L
10
10968fc
TYPICAL PERFORMANCE CHARACTERISTICS
Wake-Up Time vs Supply Voltage
Minimum Wake-Up Time
vs Source Resistance
Input Channel Leakage Current
vs Temperature
Minimum Clock Frequency for
0.1LSB Error
vs Temperature
ENOBs vs Frequency
FFT Plot
Maximum Clock Frequency vs
Source Resistance
Maximum Clock Frequency vs
Supply Voltage
Digital Input Logic Threshold
vs Supply Voltage
* Maximum CLK frequency represents the clock frequency at which a 0.1LSB shift in the error at any code
transition from its 0.75MHz value is first detected.
As the CLK frequency is decreased from 500kHz, minimum CLK frequency (Δerror ≤ 0.1LSB) represents
the frequency at which a 0.1LSB shift in any code transition from its 500kHz value is first detected.
RSOURCE
(kΩ)
1
0
0.25
0.50
1
10
100
10968 G10
0.75
+ INPUT
– INPUT
RSOURCE
VIN
TA = 25°C
VCC = VREF = 5V
SUPPLY VOLTAGE (V)
0
0
0.25
0.5
0.75
1.0
1.25
1.5
246
8
10968 G11
10
TA = 25°C
VREF = 2.5V
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
8
10968 G12
2
1
0
2
4
6
10
TA = 25°C
SUPPLY VOLTAGE, VCC (V)
0
3
4
8
10968 G13
2
1
0
2
4
6
10
TA = 25°C
VREF = 2.5V
RSOURCE (kΩ)
1
0
2.5
5.0
10
10
100
10968 G14
7.5
TA = 25°C
VREF = 5V
+
VIN
RSOURCE
+
TEMPERATURE (°C)
–60
10
100
1000
100
10968 G15
1
0.1
0.01
–20
20
60
140
–40
0
40
80
120
VREF = 5V
VCC = 5V
ON CHANNEL
OFF CHANNEL
TEMPERATURE (°C)
–60
120
160
200
100
10968 G16
60
40
0
–20
20
60
140
–40
0
40
80
120
VREF = 5V
VCC = 5V
180
140
100
80
20
FREQUENCY (kHz)
1
0
2
4
6
8
10
10
100
10968 G17
9
7
5
3
1
TA = 25°C
VCC = VREF = 5V
fSMPL = 31.25kHz
FREQUENCY (kHz)
0
–100
–90
–70
–60
–50
0
–30
2
4
10968 G18
–80
–20
–10
–40
6
8
10
12
14
16
TA = 25°C
VCC = VREF = 5V
fSMPL = 31.25kHz
fIN = 5.8kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com